Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4666-2ARMZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4666-2ARMZ
Description  18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4666-2ARMZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4666-2ARMZ Datasheet HTML 14Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 15Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 16Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 17Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 18Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 19Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 20Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 21Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADA4666-2
Data Sheet
Rev. 0 | Page 18 of 32
Figure 48. Small Signal Transient Response
Figure 49. Positive Overload Recovery
Figure 50. Negative Overload Recovery
Figure 51. Small Signal Transient Response
Figure 52. Positive Overload Recovery
Figure 53. Negative Overload Recovery
TIME (2µs/DIV)
VSY = ±1.5V
VIN = 100mV p-p
AV = 1
RL = 10kΩ
CL = 10pF
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–1.4
–1.2
–1
–0.8
–0.6
–0.4
–0.2
0
0.2
TIME (2µs/DIV)
VSY = ±1.5V
AV = –10
RL = 10kΩ
CL = 10pF
VIN = 225mV
VIN
VOUT
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
TIME (2µs/DIV)
VSY = ±1.5V
AV = –10
RL = 10kΩ
CL = 10pF
VIN = 225mV
VIN
VOUT
TIME (2µs/DIV)
VSY = ±9V
VIN = 100mV p-p
AV = 1
RL = 10kΩ
CL = 10pF
–3
0
3
6
9
12
15
18
–6
–5
–4
–3
–2
–1
0
1
TIME (2µs/DIV)
VSY = ±9V
AV = –10
RL = 10kΩ
CL = 10pF
VIN = 1.35V
VIN
VOUT
–12
–9
–6
–3
0
3
6
9
–5
–4
–3
–2
–1
0
1
2
TIME (2µs/DIV)
VSY = ±9V
AV = –10
RL = 10kΩ
CL = 10pF
VIN = 1.35V
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com