Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4666-2ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4666-2ARMZ-R7
Description  18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4666-2ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4666-2ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
18 V, 725 µA, 4 MHz
CMOS RRIO Operational Amplifier
Data Sheet
ADA4666-2
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power at high voltage (18 V): 725 μA maximum
Low offset voltage:
2.2 mV maximum over entire common-mode range
Low input bias current: 15 pA maximum
Gain bandwidth product: 4 MHz typical at AV = 100
Unity-gain crossover: 4 MHz typical
−3 dB closed-loop bandwidth: 2.1 MHz typical
Single-supply operation: 3 V to 18 V
Dual-supply operation: ±1.5 V to ±9 V
Unity-gain stable
APPLICATIONS
Current shunt monitors
Active filters
Portable medical equipment
Buffer/level shifting
High impedance sensor interfaces
Battery powered instrumentation
GENERAL DESCRIPTION
The ADA4666-2 is a dual, rail-to-rail input/output amplifier
optimized for low power, high bandwidth, and wide operating
supply voltage range applications.
The ADA4666-2 performance is guaranteed at 3.0 V, 10 V,
and 18 V power supply voltages. It is an excellent selection for
applications that use single-ended supplies of 3.3 V, 5 V, 10 V,
12 V, and 15 V, and dual supplies of ±2.5 V, ±3.3 V, and ±5 V.
The ADA4666-2 is specified over the extended industrial
temperature range (−40°C to +125°C) and is available in
8-lead MSOP and 8-lead LFCSP (3 mm × 3 mm) packages.
PIN CONNECTION DIAGRAMS
Figure 1. 8-Lead MSOP
Figure 2. 8-Lead LFCSP
Figure 3. Output Voltage (VOH) to Supply Rail vs. Load Current
Table 1. Precision Low Power Op Amps (<1 mA)
Supply Voltage
5 V
12 V to 16 V
30 V
Single
ADA4505-1
OP196
OP777
AD8500
Dual
ADA4505-2
AD8657
ADA4096-2
AD8502
OP296
OP727
AD8506
ADA4661-2
AD8682
AD8546
ADA4666-2
AD8622
Quad
ADA4505-4
AD8659
ADA4096-4
AD8504
OP496
OP747
AD8508
AD8684
AD8548
AD8624
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4666-2
TOP VIEW
(Not to Scale)
ADA4666-2
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED PAD TO V– OR
LEAVE IT UNCONNECTED.
3
+IN A
4
V–
1
OUT A
2
–IN A
6 –IN B
5 +IN B
8 V+
7 OUT B
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VSY = 18V
–40°C
+25°C
+85°C
+125°C


Similar Part No. - ADA4666-2ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4666-2 AD-ADA4666-2 Datasheet
1Mb / 33P
OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
Rev. E
More results

Similar Description - ADA4666-2ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8657 AD-AD8657 Datasheet
1Mb / 24P
18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. 0
AD8546 AD-AD8546_12 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8657 AD-AD8657_11 Datasheet
677Kb / 24P
18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
AD8659ARZ AD-AD8659ARZ Datasheet
719Kb / 24P
22 mu A, RRIO, CMOS,18 V Operational Amplifiers
REV. B
ADA4661-2 AD-ADA4661-2 Datasheet
904Kb / 32P
18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
REV. 0
logo
Texas Instruments
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
RRIO, CMOS Input, Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
logo
Analog Devices
ADA4661-2-KGD AD-ADA4661-2-KGD Datasheet
260Kb / 11P
18 V, Precision, 725 μA, 4 MHz, CMOS RRIO Operational
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com