Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4666-2ARMZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4666-2ARMZ-R7
Description  18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4666-2ARMZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4666-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4666-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
ADA4666-2
Rev. 0 | Page 13 of 32
Figure 18. Input Bias Current vs. Temperature
Figure 19. Input Bias Current vs. Common-Mode Voltage
Figure 20. Output Voltage (VOH) to Supply Rail vs. Load Current
Figure 21. Input Bias Current vs. Temperature
Figure 22. Input Bias Current vs. Common-Mode Voltage
Figure 23. Output Voltage (VOH) to Supply Rail vs. Load Current
0.1
1
10
100
1000
25
50
75
100
125
TEMPERATURE (°C)
|IB+|
|IB–|
VSY = 3V
VCM = VSY/2
–4
–3
–2
–1
0
1
2
3
0
0.5
1.0
1.5
2.0
2.5
3.0
VCM (V)
VSY = 3V
VCM = VSY/2
25°C
85°C
125°C
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VSY = 3V
–40°C
+25°C
+85°C
+125°C
0.1
1
10
100
1000
25
50
75
100
125
TEMPERATURE (°C)
VSY = 18V
|IB+|
|IB–|
VCM = VSY/2
–4
–3
–2
–1
0
1
2
3
VCM (V)
VSY = 18V
VCM = VSY/2
25°C
85°C
125°C
0
2
4
6
8
10
12
14
16
18
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VSY = 18V
–40°C
+25°C
+85°C
+125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com