Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1418 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SA1418
Description  High-Voltage Switching Preriver Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1418 Datasheet(HTML) 2 Page - ON Semiconductor

  2SA1418 Datasheet HTML 1Page - ON Semiconductor 2SA1418 Datasheet HTML 2Page - ON Semiconductor 2SA1418 Datasheet HTML 3Page - ON Semiconductor 2SA1418 Datasheet HTML 4Page - ON Semiconductor 2SA1418 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA1418 / 2SC3648
Rev.0 I Page 2 of 5 I www.onsemi.com
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)120V, IE=0A
(--)0.1
µA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)0.1
µA
DC Current Gain
hFE1VCE=(--)5V, IC=(--)100mA
100*
400*
hFE2VCE=(--)5V, IC=(--)10mA
90
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)50mA
120
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(11)8
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)250mA, IB=(--)25mA
(--0.2)0.12
(--0.5)0.4
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)250mA, IB=(--)25mA
(--)0.85
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10µA, IE=0A
(--)180
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)160
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10µA, IC=0A
(--)6
V
Turn-ON Time
ton
See specified Test Circuit.
(60)50
ns
Storage Time
tstg
See specified Test Circuit.
(900)1000
ns
Fall Time
tf
See specified Test Circuit.
(60)60
ns
*: The 2SA1418 / 2SC3648 are classified by 100mA hFE as follows:
Rank
R
S
T
hFE
100 to 200
140 to 280
200 to 400
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7007B-004
INPUT
100V
50Ω
100µF
470µF
--5V
IC=20IB1=--20IB2=300mA
(For PNP, the polarity is reversed)
+
+
VR
PW=20µs
D.C.≤1%
333Ω
RB
IB1
IB2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com