Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1418 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SA1418
Description  High-Voltage Switching Preriver Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1418 Datasheet(HTML) 4 Page - ON Semiconductor

  2SA1418 Datasheet HTML 1Page - ON Semiconductor 2SA1418 Datasheet HTML 2Page - ON Semiconductor 2SA1418 Datasheet HTML 3Page - ON Semiconductor 2SA1418 Datasheet HTML 4Page - ON Semiconductor 2SA1418 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA1418 / 2SC3648
Rev.0 I Page 4 of 5 I www.onsemi.com
PC -- Ta
Ambient Temperature, Ta --
°C
A S O
Collector-to-Emitter Voltage, VCE -- V
f T -- IC
Collector-to-Base Voltage, VCB -- V
f T -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
Cob -- VCB
ITR03568
1.0
3
10
5
7
2
3
100
5
7
2
0.01
3
0.1
5
7
5
7
2
3
5
7
2
3
2
1.0
10
1.0
57
3
2
100
57
3
22
1.0
3
2
1.6
1.4
1.8
1.2
0.8
0.4
0.2
0.6
1.0
0
060
80
40
20
140
120
100
160
ITR03569
ITR03570
Mounted
on
a ceramic
board
(250mm
2✕
0.8mm)
No heat
sink
7
10
53
23
2
7
5
100
For PNP, minus sign is omitted
2SA1418
2SC3648
2SA1418 / 2SC3648
f=1MHz
100
m
s
DC
operation
2SA1418 / 2SC3648
2
--10
7
5
--100
7
5
32
--1000
7
5
3
100
10
2
3
5
7
2
3
5
2
10
7
5
100
7
5
32
1000
7
5
3
100
10
2
3
5
7
2
3
5
ITR03566
ITR03567
2SC3648
2SA1418
VCE=5V
10V
VCE
=10V
5V
ICP=1.5A
IC=0.7A
Ta=25
°C
Single pulse
Mounted on a ceramic board (250mm2
✕0.8mm)
For PNP, minus sign is omitted



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com