Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4095 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4095
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4095 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC4095 Datasheet HTML 2Page - Renesas Technology Corp 2SC4095 Datasheet HTML 3Page - Renesas Technology Corp 2SC4095 Datasheet HTML 4Page - Renesas Technology Corp 2SC4095 Datasheet HTML 5Page - Renesas Technology Corp 2SC4095 Datasheet HTML 6Page - Renesas Technology Corp 2SC4095 Datasheet HTML 7Page - Renesas Technology Corp 2SC4095 Datasheet HTML 8Page - Renesas Technology Corp 2SC4095 Datasheet HTML 9Page - Renesas Technology Corp 2SC4095 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4
2SC4095
S-PARAMETER
50
00
60
70
80
90
100
110
120
130
0.32
0.18
0.34
0.16
0.36
0.14
0.38
0.12
0.40
0.10
0.42
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.33
0.35
0.37
0.39
0.41
0.43
50
10
6.0
4.0
3.0
0.2
0.4
0.6
0.8
1.0
0.3
0.2
0.1
0.2
0.8
0.6
0.4
0.4
REACTANCE COMPONENT
(
R
––––
ZO )
EN
T
20
S11e, S22e-FREQUENCY
S21e-FREQUENCY
90
°
0
°
30
°
−30°
60
°
−60°
180
°
150
°
−150°
120
°
−120°
−90°
4
0
8
12
16
20
S21e
2GHz
90
°
0
°
30
°
−30°
60
°
−60°
180
°
150
°
−150°
120
°
−120°
−90°
0.04
0
0.08
0.12 0.16 0.2
S12e
CONDITION VCE = 6 V, IC = 10/3 mA, freq. = 0.2 to 2 GHz (Step 200 MHz)
CONDITION VCE = 6 V
IC = 10/3 mA
freq. = 0.2 to 2 GHz (Step 200 MHz)
S12e-FREQUENCY
CONDITION VCE = 6 V
IC = 10/3 mA
freq. = 0.2 to 2 GHz (Step 200 MHz)
0.2 GHz
0.2 GHz
2 GHz
2 GHz
IC = 3 mA
IC = 3 mA
IC = 10 mA
IC = 10 mA
IC = 3 mA
IC = 3 mA
S11e
S22e
IC = 10 mA
IC = 10 mA
0.2 GHz
0.2 GHz
2GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com