Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4095 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4095
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4095 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4095 Datasheet HTML 1Page - Renesas Technology Corp 2SC4095 Datasheet HTML 2Page - Renesas Technology Corp 2SC4095 Datasheet HTML 3Page - Renesas Technology Corp 2SC4095 Datasheet HTML 4Page - Renesas Technology Corp 2SC4095 Datasheet HTML 5Page - Renesas Technology Corp 2SC4095 Datasheet HTML 6Page - Renesas Technology Corp 2SC4095 Datasheet HTML 7Page - Renesas Technology Corp 2SC4095 Datasheet HTML 8Page - Renesas Technology Corp 2SC4095 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DATA SHEET
SILICON TRANSISTOR
2SC4095
MICROWAVE LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
4 PINS MINI MOLD
DATA SHEET
Document No. P10367EJ2V1DS00 (2nd edition)
Date Published March 1997 N
Printed in Japan
1987
©
DESCRIPTION
The 2SC4095 is an NPN epitaxial silicon transistor designed for use in
low-noise and small signal amplifiers from VHF band to UHF band.
2SC4095 features excellent power gain with very low-noise figures.
2SC4095 employs direct nitiride passivated base surface process (DNP
process) which is an NEC proprietary new fabrication technique which
provides excellent noise figures at high current values.
This allows
excellent associated gain and very wide dynamic range.
FEATURES
• NF = 1.8 dB TYP. @ f = 2.0 GHz, VCE = 6 V, IC = 5 mA
•
S21e2 = 9.5 dB TYP. @ f = 2.0 GHz, VCE = 6 V, IC = 10 mA
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
10
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
35
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
65 to +150
C
ELECTRICAL CHARACTERISTICS (TA = 25
C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
1.0
AVCB = 10 V, IE = 0
Emitter Cutoff Current
IEBO
1.0
AVEB = 1 V, IC = 0
DC Current Gain
hFE
50
100
250
VCE = 6 V, IC = 10 mA
Gain Bandwidth Product
fT
10
GHz
VCE = 6 V, IC = 10 mA f = 1.0 GHz
Feed-Back Capacitance
Cre
0.25
0.8
pF
VCB = 10 V, IE = 0, f = 1.0 MHz
Insertion Power Gain
S21e2
7.5
9.5
dB
VCE = 6 V, IC = 10 mA, f = 2.0 GHz
Maximum Available Gain
MAG
12
dB
VCE = 6 V, IC = 10 mA, f = 2.0 GHz
Noise Figure
NF
1.8
3.0
dB
VCE = 6 V, IC = 5 mA, f = 2.0 GHz
hFE Classification
Class
R46/RDF *
R47/RDG *
R48/RDH *
Marking
R46
R47
R48
hFE
50 to 100
80 to 160
125 to 250
* Old Specification / New Specification
PACKAGE DIMENSIONS
(Units: mm)
PIN CONNECTIONS
1.
2.
3.
4.
Collector
Emitter
Base
Emitter
5
°
5
°
5
°
5
°
2.8
+0.2
−0.3
1.5
+0.2
−0.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com