Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4432 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC4432
Description  1.5A High-Speed 30V MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4432 Datasheet(HTML) 3 Page - Microchip Technology

  TC4432 Datasheet HTML 1Page - Microchip Technology TC4432 Datasheet HTML 2Page - Microchip Technology TC4432 Datasheet HTML 3Page - Microchip Technology TC4432 Datasheet HTML 4Page - Microchip Technology TC4432 Datasheet HTML 5Page - Microchip Technology TC4432 Datasheet HTML 6Page - Microchip Technology TC4432 Datasheet HTML 7Page - Microchip Technology TC4432 Datasheet HTML 8Page - Microchip Technology TC4432 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2007 Microchip Technology Inc.
DS21424D-page 3
TC4431/TC4432
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage ....................................................... 36V
Input Voltage (Note 1)................... VDD + 0.3V to GND
Package Power Dissipation (TA ≤ 70°C)
PDIP ............................................................ 730 mW
CERDIP ....................................................... 800 mW
SOIC............................................................ 470 mW
Maximum Junction Temperature, TJ ................ +150°C
Storage Temperature Range .............. -65°C to +150°C
† Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = +25ºC with 4.5V ≤ VDD ≤ 30V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
—
—
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current (Note 1)IIN
-1
—
1
µA
0V
≤ V
IN ≤ 12V
Output
High Output Voltage
VOH
VDD – 1.0
VDD – 0.8
—
V
IOUT = 100 mA
Low Output Voltage
VOL
—
—
0.025
V
Output Resistance
RO
—7
10
Ω
IOUT = 10 mA, VDD = 30V
Peak Output Current
IPK
—
—
3.0
1.5
—
—
ASource: VDD = 30V
Sink: VDD = 30V
Latch-Up Protection
Withstand Reverse Current
IREV
—
0.3
—
A
Duty cycle
≤ 2%, t ≤ 300 µsec
Switching Time (Note 2)
Rise Time
tR
—25
40
ns
Figure 4-1
Fall Time
tF
—33
50
ns
Figure 4-1
Delay Time
tD1
—62
80
ns
Figure 4-1
Delay Time
tD2
—78
90
ns
Figure 4-1
Power Supply
Power Supply Current
IS
—
—
2.5
0.3
4
0.4
mA
VIN = 3V
VIN = 0V
Start-up Threshold
VS
—8.4
10
V
Drop-out Threshold
VDO
77.7
—
V
Note 3
Note 1:
For inputs >12V, add a 1 k
Ω resistor in series with the input. See Section 2.0 “Typical Performance
Curves” for input current graph.
2:
Switching times are ensured by design.
3:
For operation below 7V, pin 3 (LOCK DIS) should be tied to ground to disable the lockout and start-up
circuit, otherwise, pin 3 must be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com