Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4432 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC4432
Description  1.5A High-Speed 30V MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4432 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC4432 Datasheet HTML 2Page - Microchip Technology TC4432 Datasheet HTML 3Page - Microchip Technology TC4432 Datasheet HTML 4Page - Microchip Technology TC4432 Datasheet HTML 5Page - Microchip Technology TC4432 Datasheet HTML 6Page - Microchip Technology TC4432 Datasheet HTML 7Page - Microchip Technology TC4432 Datasheet HTML 8Page - Microchip Technology TC4432 Datasheet HTML 9Page - Microchip Technology TC4432 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC4431/TC4432
DS21424D-page 6
© 2007 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Supply Input (VDD)
The VDD input is the bias supply input for the MOSFET
driver and is rated for 4.5V to 30V with respect to the
ground pins. The VDD input should be bypassed to
ground with a local ceramic capacitor. The value of this
capacitor should be chosen based on the capacitive
load that is being driven.
3.2
Control Input (IN)
The MOSFET driver input is a TTL/CMOS compatible
input with 250 mV of hysteresis between the high and
low threshold voltages. If an input signal level of greater
than 12V is applied to the device, a series current
limiting resistor is recommended.
3.3
Lockout Disable (LOCK DIS)
The lockout pin enables/disables the undervoltage
lockout feature of the device. If undervoltage lockout is
desired (output is not enabled until the bias voltage
reaches 8.4V (typical) on the rising edge and is
disabled when the bias voltage reaches 7.7V (typical)
on the falling edge), the lockout pin should be left float-
ing. If operation below 7V is desired, the lockout pin
should be tied to ground.
3.4
Ground (GND)
The ground pins are the return path for the bias current
and for the high peak currents which discharge the load
capacitor. Both ground pins should be used to ensure
proper operation. The ground pins should be tied into a
ground plane or have short traces to the bias supply
source return.
3.5
Drive Output (OUT)
The TC4431/TC4432 devices have individual source
and sink output pins. This feature can be used to adjust
the rise and fall time independently by adding separate
charge and discharge resistors external to the device.
Pin 7 (source output) can source 3 A peak currents into
capacitive loads and pin 6 (sink output) can sink 1.5 A
peak currents from a capacitive load.
Pin No.
Symbol
Description
1VDD
Supply Input, 4.5V to 30V
2
IN
TTL/CMOS Compatible Input
3
LOCK DIS
Input Pin, Enable/Disable for UV Lockout
4
GND
Ground
5
GND
Ground
6
OUT
Drive Output, Pull Down
7
OUT
Drive Output, Pull Up
8VDD
Supply Input, 4.5V to 30V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com