Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1200STDUBRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1200STDUBRQ1
Description  Fully Differential Isolation Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1200STDUBRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  AMC1200STDUBRQ1 Datasheet HTML 1Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 2Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 3Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 4Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 5Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 6Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 7Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 8Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AMC1200-Q1
www.ti.com
SBAS585 – SEPTEMBER 2012
PACKAGE CHARACTERISTICS
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Shortest terminal-to-terminal distance
L(I01)
Minimum air gap (clearance)
7
mm
through air
Shortest terminal-to-terminal distance
L(I02)
Minimum external tracking (creepage)
7
mm
across the package surface
Tracking resistance
CTI
DIN IEC 60112/VDE 0303 part 1
≥ 175
V
(comparative tracking index)
Minimum internal gap
Distance through the insulation
0.014
mm
(internal clearance)
Input to output, VIO = 500 V, all pins on
each side of the barrier tied together to
> 1012
create a two-terminal device, TA < 85°C
RIO
Isolation resistance
Input to output, VIO = 500 V,
> 1011
85°C
≤ TA < TA max
CIO
Barrier capacitance input to output
VI = 0.5 VPP at 1 MHz
1.2
pF
CI
Input capacitance to ground
VI = 0.5 VPP at 1 MHz
3
pF
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of a specific
application. Care should be taken to maintain the creepage and clearance distance of the board design to ensure that the mounting
pads of the isolator on the printed circuit board (PCB) do not reduce this distance. Creepage and clearance on a PCB become equal
according to the measurement techniques shown in the Isolation Glossary section. Techniques such as inserting grooves and/or ribs on
the PCB are used to help increase these specifications.
ELECTRICAL CHARACTERISTICS
All minimum/maximum specifications at TA = –40°C to 105°C and within the specified voltage range, unless otherwise noted.
Typical values are at TA = 25°C, VDD1 = 5 V, and VDD2 = 3.3 V.
AMC1200-Q1
PARAMETER
UNIT
TEST CONDITIONS
MIN
TYP
MAX
INPUT
Maximum input voltage before
VINP – VINN
±320
mV
clipping
Differential input voltage
VINP – VINN
–250
250
mV
VCM
Common-mode operating range
–0.16
VDD1
V
VOS
Input offset voltage
–1.5
±0.2
1.5
mV
TCVOS
Input offset thermal drift
–10
±1.5
10
µV/K
VIN from 0 V to 5 V at 0 Hz
108
CMRR
Common-mode rejection ratio
dB
VIN from 0 V to 5 V at 50 kHz
95
CIN
Input capacitance to GND1
VINP or VINN
3
pF
CIND
Differential input capacitance
3.6
pF
RIN
Differential input resistance
28
k
Small-signal bandwidth
60
100
kHz
OUTPUT
Nominal gain
8
Initial, at TA = 25°C
–0.5%
±0.05%
0.5%
GERR
Gain error
–1%
±0.05%
1%
TCGERR
Gain error thermal drift
±56
ppm/K
4.5 V
≤ VDD2 ≤ 5.5 V
–0.075%
±0.015%
0.075%
Nonlinearity
2.7 V
≤ VDD2 ≤ 3.6 V
–0.1%
±0.023%
0.1%
Nonlinearity thermal drift
2.4
ppm/K
Output noise
VINP = VINN = 0 V
3.1
mVRMS
vs VDD1, 10-kHz ripple
80
PSRR
Power-supply rejection ratio
dB
vs VDD2, 10-kHz ripple
61
Rise/fall time
0.5-V step, 10% to 90%
3.66
6.6
µs
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: AMC1200-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com