Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1200STDUBRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1200STDUBRQ1
Description  Fully Differential Isolation Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1200STDUBRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC1200STDUBRQ1 Datasheet HTML 2Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 3Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 4Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 5Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 6Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 7Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 8Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 9Page - Texas Instruments AMC1200STDUBRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
1
2
3
4
8
7
6
5
VDD2
VOUTP
VOUTN
GND2
VDD1
VINP
VINN
GND1
AMC1200-Q1
SBAS585 – SEPTEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All minimum/maximum specifications at TA = –40°C to 105°C and within the specified voltage range, unless otherwise noted.
Typical values are at TA = 25°C, VDD1 = 5 V, and VDD2 = 3.3 V.
AMC1200-Q1
PARAMETER
UNIT
TEST CONDITIONS
MIN
TYP
MAX
0.5-V step, 50% to 10%, unfiltered output
1.6
3.3
VIN to VOUT signal delay
0.5-V step, 50% to 50%, unfiltered output
3.15
5.6
µs
0.5-V step, 50% to 90%, unfiltered output
5.26
9.9
Common-mode transient
CMTI
VCM = 1 kV (TA at 25ºC)
8
15
kV/µs
immunity
2.7 V
≤ VDD2 ≤ 3.6 V
1.15
1.29
1.45
Output common-mode voltage
V
4.5 V
≤ VDD2 ≤ 5.5 V
2.4
2.55
2.7
Short-circuit current
20
mA
ROUT
Output resistance
2.5
Ω
POWER SUPPLY
VDD1
High-side supply voltage
4.5
5
5.5
V
VDD2
Low-side supply voltage
2.7
5
5.5
V
IDD1
High-side supply current
5.4
8
mA
2.7 V < VDD2 < 3.6 V
3.8
6
IDD2
Low-side supply current
mA
4.5 V < VDD2 < 5.5 V
4.4
7
PDD1
High-side power dissipation
27
44
mW
2.7 V < VDD2 < 3.6 V
11.4
21.6
PDD2
Low-side power dissipation
mW
4.5 V < VDD2 < 5.5 V
22
38.5
PIN CONFIGURATION
DUB PACKAGE
SOP-8
(TOP VIEW)
PIN DESCRIPTIONS
PIN #
PIN NAME
FUNCTION
DESCRIPTION
1
VDD1
Power
High-side power supply
2
VINP
Analog input
Noninverting analog input
3
VINN
Analog input
Inverting analog input
4
GND1
Power
High-side analog ground
5
GND2
Power
Low-side analog ground
6
VOUTN
Analog output
Inverting analog output
7
VOUTP
Analog output
Noninverting analog output
8
VDD2
Power
Low-side power supply
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: AMC1200-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com