Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 17Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 18Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 19Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 20Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 21Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 22Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 23Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 24Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
REG50
CF
RTH
RT
RB
REG50
TS+
TS–
IO_CTRL [TSn
]
ALERT[OTn]
PINBOUNDARY
ToADCMux
+
–
DelayFilter
COMPARATOR
CONFIG_OT[] Selector
CONFIG
_OTT[]
11
1
CONFIG _OT[]?0
VSS
+
–
PROTECTOR
REFERENCE
5VLDO
(User)
ToCOV-CUVCircuits
VBAT
bq76PL536A
www.ti.com
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
Cell Undervoltage Fault Detection (CUV)
Cell undervoltage detection operates in a similar manner to the COV protection. When the voltage across a cell
falls below the programmed CUV threshold (CONFIG_CUV[]) for a period of time greater than CUVT
(CONFIG_CUVT[]), the CUV_FAULT[] flag for that cell is set. The bits in CUV_FAULT[] are then ORed into the
FAULT[CUV] flag, which is then ORed into the DEVICE_STATUS[FAULT] flag, which causes the FAULT_S (_H)
pin also to be asserted. The CUV flag is latched unless CUVT is programmed to 0, in which case the flag follows
the fault condition. Care should be taken when using this setting to avoid chatter of the fault status. To reset the
FAULT flag, first remove the source of the fault (i.e., the overvoltage condition) and then write a 1 to
FAULT[CUV], followed by a 0 to FAULT[CUV].
Overtemperature Detection
When the temperature input TS1 or TS2 exceeds the programmed OT1 or OT2 threshold (CONFIG_OT[]) for a
period of time greater than OTT (CONFIG_OTT[]) the ALERT_STATUS[OT1, OT2] flag is set. The ALERT[] flags
are then ORed into the DEVICE_STATUS[ALERT] flag, and the ALERT_S (_H) pin is also asserted. The OT flag
is latched unless OTT is programmed to 0, in which case the flag follows the fault condition. Care should be
taken when using this setting to avoid chatter of the fault status. To reset the FAULT flag, first remove the source
of the alert (i.e., the overtemperature condition) and then write a 1 to ALERT[OTn], followed by a 0 to
FAULT[OTn].
Figure 8. Simplified Overtemperature Detection Schematic
As shown in the drawing above, the OT thresholds are detectable in 11 steps representing approximately 5°C
divisions when a thermistor and gain/offset setting resistors are chosen using the formula in the External
Temperature Sensor Support (TS1+, TS1– and TS2+, TS2–) section. A DISABLED setting is also available. This
results in an adjustment range from approximately 40°C to 90°C, but the range center can be moved by
modifying the RT value. The steps are spaced in a non-linear fashion to correspond to typical thermistor
response curves. Typical accuracy of a few degrees C or better can be achieved (with no additional calibration
requirements) by careful selection of the thermistor and resistors.
Each input sensor can be adjusted independently via separate registers CONFIG_OT1[] and CONFIG_OT2[].
The two temperature setpoints share a common filter delay set in the CONFIG_OTT[] register. A setting of 0 in
the CONFIG_OTT[] register causes the fault sensing to be both instantaneous and not latched. All other settings
provide a latched ALERT state.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com