Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 2Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 3Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 4Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 5Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 6Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 7Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 8Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 9Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
bq76PL536A
SLUSAD3A – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage range, VMAX
BAT1(2)
–0.3 to 36
V
BAT voltage to any other pin
BAT to any pin
–0.3 to 36
V
VC1–VC6
–0.3 to 36
VC0
–0.3 to 2
VCn to VCn-1, n=1 to 6
0 to 36
TS1+, TS1–, TS2+, TS2–
–0.3 to 6
Input voltage range, VIN
V
GPAI
–0.3 to 6
GPIO
–0.3 to VREG50 + 0.3
DRDY_N, SDO_N, FAULT_N, ALERT_N
VBAT – 1 to VBAT + 2
CONV_S, SDI_S, SCLK_S, CS_S
–2 to 1
CONV_N, SDI_N, SCLK_N, CS_N
–0.3 to 36
DRDY_S, SDO_S, FAULT_S, ALERT_S
–0.3 to 5
Output voltage range, VO
GPIO
–0.3 to VREG50 + 0.3
V
CB1…CB6 (CBREF = 0x00)
–0.3 to 36
REG50, AUX
–0.3 to 6
Junction temperature
150
°C
Storage temperature range, Tstg
–65 to 150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only; functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to VSS of this device except where otherwise noted.
RECOMMENDED OPERATING CONDITIONS
Typical values stated where TA = 25ºC and VBAT = 20 V, Min/Max values stated where TA = –40˚C to 85ºC and VBAT = 7.2 V
to 30 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
VBAT
Supply voltage
BAT
7.2
27
V
VCn–VC(n – 1)(1)
1
4.5
GPAI
0
2.5
GPIO
0
VREG50
CBn(1)
VC(n – 1)
VCn
VI, Input
voltage
TS1+, TS1–, TS2+, TS2–
0
VREG50/2
V
range
Non-top IC in stack
DRDY_N, SDO_N, FAULT_N, ALERT_N
BAT + 1
Top IC in stack
DRDY_N, SDO_N, FAULT_N, ALERT_N
BAT
Non-bottom IC in stack
CONV_S, SDI_S, SCLK_S, CS_S
–1
Bottom IC in stack
CONV_S, SDI_S, SCLK_S, CS_S
VSS
Non-bottom IC in stack
CONV_N, SDI_N, SCLK_N, CS_N
1
VO,
Bottom IC in stack
CONV_N, SDI_N, SCLK_N, CS_N
VSS
Output
V
voltage
Non-top IC in stack
DRDY_S, SDO_S, FAULT_S, ALERT_S
BAT – 1
range
Top IC in stack
DRDY_S, SDO_S, FAULT_S, ALERT_S
BAT
CREG50
External capacitor
REG50 pin
2.2
µF
CVREF
External capacitor
VREF pin
9.2
10
15
µF
CLDO
External capacitor
LDOx pin
2.2
3.3
µF
TOPR
Operating temperature(2)
–40
85
°C
(1)
n = 1 to 6
(2)
Device specifications stated within this range.
6
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links :bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com