Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8044AH-R0117 Datasheet(PDF) 50 Page - InnovASIC, Inc

Part # P8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

P8044AH-R0117 Datasheet(HTML) 50 Page - InnovASIC, Inc

Back Button P8044AH-R0117 Datasheet HTML 46Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 47Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 48Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 49Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 50Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 51Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 52Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 53Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 54Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 50 of 65
1-888-824-4184
®
5.
AC Specifications
AC characteristics, external data memory characteristics, serial interface characteristics, and
external clock drive characteristics are provided in Tables 48 through 51, respectively.
TA = −40 C to +85 C, VDD = 5V
10%, VSS = 0V, Load Capacitance = 87pF
Table 48. External Program Memory Characteristics
Symbol
Parameter
12 MHz Osc
Variable Clock
1/TCLCL = 3.5 MHz to 12 MHz
Unit
Min
Max
Min
Max
TLHLL
ALE Pulse Width
171
–
2TCLCL+4
–
ns
TAVLL
Address Valid to ALE Low
75
–
TCLCL-8
–
ns
TLLAX
Address Hold After ALE Low
74
–
TCLCL-9
–
ns
TLLIV
ALE Low to Valid Instr. In.
–
298
–
4TCLCL-35
ns
TLLPL
ALE Low to PSENn Low
83
–
TCLCL
–
ns
TPLPH
PSENn Pulse Width
254
–
3TCLCL+4
–
ns
TPLIV
PSENn Low to Valid Instr. In
–
215
–
3TCLCL-35
ns
TPXIX
Input Instr. Hold After PSENn
0
–
0
–
ns
TPXIZ
Input Instr. Float After PSENn
–
76
–
TCLCL-7
ns
TPXAV
PSENn to Address Valid
91
–
TCLCL+8
–
ns
TAVIV
Address to Valid Instr. In
–
373
–
5TCLCL-43
ns
TAZPL
Address Float to PSENn
-9
–
-9
–
ns
TCY
Machine cycle
996
–
12TCLCL
–
ns
Table 49. External Data Memory Characteristics
Symbol
Parameter
12 MHz Osc
Variable Clock
1/TCLCL = 3.5 MHz to 12 MHz
Unit
Min
Max
Min
Max
TRLRH
RDn Pulse Width
487
–
6TCLCL-13
–
ns
TWLWH
WRn Pulse Width
487
–
6TCLCL-13
–
ns
TLLAX
Address Hold After ALE
74
–
TCLCL-9
–
ns
TRLDV
RDn Low to Valid Data In
–
383
–
5TCLCL-35
ns
TRHDX
Data Hold After RDn
0
–
0
–
ns
TRHDZ
Data Float After RDn
–
165
–
2TCLCL-2
ns
TLLDV
ALE Low to Valid Data In
–
633
–
8TCLCL-34
ns
TAVDV
Address to Valid Data In
–
708
–
9TCLCL-42
ns
TLLWL
ALE Low to RDn or WRn Low
250
250
3TCLCL
3TCLCL
ns
TAVWL
Address to RDn or WRn Low
325
–
4TCLCL-8
–
ns
TQVWX
Data Valid to WRn Transition
76
–
TCLCL-7
–
ns
TQVWH
Data Setup Before WRn High
563
–
7TCLCL-20
–
ns
TWHQX
Data Held After WRn
86
–
TCLCL+3
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com