Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8044AH-R0117 Datasheet(PDF) 59 Page - InnovASIC, Inc

Part # P8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

P8044AH-R0117 Datasheet(HTML) 59 Page - InnovASIC, Inc

Back Button P8044AH-R0117 Datasheet HTML 55Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 56Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 57Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 58Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 59Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 60Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 61Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 62Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 63Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 59 of 65
1-888-824-4184
®
Table 55. Data Transfer
Mnemonic
Description
Byte
Cycle
MOV A,Rn
Move register to accumulator
1
1
MOV A,direct
Move direct byte to accumulator
2
1
MOV A,@Ri
Move indirect RAM to accumulator
1
1
MOV A,#data
Move immediate data to accumulator
2
1
MOV Rn,A
Move accumulator to register
1
1
MOV Rn,direct
Move direct byte to register
2
2
MOV Rn,#data
Move immediate data to register
2
1
MOV direct,A
Move accumulator to direct byte
2
1
MOV direct,Rn
Move register to direct byte
2
2
MOV direct,direct
Move direct byte to direct byte
3
2
MOV direct,@Ri
Move indirect RAM to direct byte
2
2
MOV direct,#data
Move immediate data to direct byte
3
2
MOV @Ri,A
Move accumulator to indirect RAM
1
1
MOV @Ri,direct
Move direct byte to indirect RAM
2
2
MOV @ Ri, #data
Move immediate data to indirect RAM
2
1
MOV DPTR, #data16
Load data pointer with a 16-bit constant
3
2
MOVC A,@A + DPTR
Move code byte relative to DPTR to accumulator
1
2
MOVC A,@A + PC
Move code byte relative to PC to accumulator
1
2
MOVX A,@Ri
Move external RAM (8-bit address) to A
1
2
MOVX A,@DPTR
Move external RAM (16-bit address) to A
1
2
MOVX @Ri,A
Move A to external RAM (8-bit address)
1
2
MOVX @DPTR,A
Move A to external RAM (16-bit address)
1
2
PUSH direct
Push direct byte onto stack
2
2
POP direct
Pop direct byte from stack
2
2
XCH A,Rn
Exchange register with accumulator
1
1
XCH A,direct
Exchange direct byte with accumulator
2
1
XCH A,@Ri
Exchange indirect RAM with accumulator
1
1
XCHD X,@ Ri
Exchange low-order nibble indirect RAM with A
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com