Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN8044AH-R0117 Datasheet(PDF) 28 Page - InnovASIC, Inc

Part # TN8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

TN8044AH-R0117 Datasheet(HTML) 28 Page - InnovASIC, Inc

Back Button TN8044AH-R0117 Datasheet HTML 24Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 25Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 26Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 27Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 28Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 29Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 30Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 31Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 32Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 28 of 65
1-888-824-4184
®
Bit [2]—C/T → (TMOD.2) C/T selects Timer 0 or Counter 0 operation. When set to 1, the
counter operation is performed. When cleared to 0, the register will function as a timer.
Bit [1]—M1 → (TMOD.1) Timer 0 mode selector bit.
Bit [0]—M0 → (TMOD.0) Timer 0 mode selector bit.
Table 16. Timer Mode Select Bits
M1
M0
Operating Mode
0
0
0
13-bit timer
0
1
1
16-bit timer/counter
1
0
2
8-bit auto-reload timer/counter
1
1
3
Timer 0
–TL0 is a standard 8-bit timer/counter controlled by Timer 0 control bits. TH0 is an
8-bit timer function only, controlled by Timer 1 control bits.
1
1
3
Timer/Counter 1 stopped and holds its count. Can be used to start/stop Timer 1 when
Timer 0 is in Mode 3.
4.7.7
Timer Control (TCON)
Table 17 presents the timer control register, which provides control bits that start and stop the
counters. It also contains bits to select the type of external interrupt desired, edge or level.
Additionally, TCON contains status bits showing when a timer overflows and when an interrupt
edge has been detected.
Table 17. Timer Control Register
7
6
5
4
3
2
1
0
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
Bit [7]—TF1 → (TCON.7) Timer 1 overflow flag set by hardware when Timer 1
overflows. This flag should be cleared by software. In Mode 3 this bit is controlled by
TH0.
Bit [6]—TR1 → (TCON.6) Timer 1 run control bit. If cleared, Timer 1 stops. In Mode 3
this bit controls TH0.
Bit [5]—TF0 → (TCON.5) Timer 0 overflow flag set by hardware when Timer 0
overflows. This flag should be cleared by software.
Bit [4]—TR0 → (TCON.4) Timer 0 run control bit. If cleared, Timer 0 stops.
Bit [3]—IE1→ (TCON.3) Interrupt 1 edge flag. Set by hardware, when falling edge on
external pin INT1 is detected cleared when interrupt is processed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com