Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN8044AH-R0117 Datasheet(PDF) 37 Page - InnovASIC, Inc

Part # TN8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

TN8044AH-R0117 Datasheet(HTML) 37 Page - InnovASIC, Inc

Back Button TN8044AH-R0117 Datasheet HTML 33Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 34Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 35Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 36Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 37Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 38Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 39Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 40Page - InnovASIC, Inc TN8044AH-R0117 Datasheet HTML 41Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 37 of 65
1-888-824-4184
®
three serial data link configurations, 1) half-duplex, point-to-point, 2) half-duplex, multipoint,
or 3) loop mode.
4.10.1 SIU Special Function Registers
The CPU controls the SIU and receives status from the SIU via 11 SFRs. The Serial Interface
Unit Control Registers are detailed in the sections that follow.
4.10.2 Serial Mode Register (SMD)
Table 31 presents the serial mode register, which sets the operational mode of the SIU. The CPU
can read and write SMD. The SIU can read SMD. To prevent conflicts between CPU and SIU,
accesses to SMD the CPU should write SMD only when RTS and RBE bits in the STS register are
both zero. SMD is normally only accessed during initialization. This register is byte addressable.
Table 32 presents the serial mode select clock mode bits.
Table 31. Serial Mode Register
7
6
5
4
3
2
1
0
SCM2
SCM1
SCM0
NRZI
LOOP
PFS
NB
NFCS
Bit [7]—SCM2 → (SMD.7) Select clock mode—Bit [2].
Bit [6]—SCM1 → (SMD.6) Select clock mode—Bit [1].
Bit [5]—SCM0 → (SMD.5) Select clock mode—Bit [0].
Bit [4]—NRZI → (SMD.4) When set selects NRZI encoding otherwise NRZ.
Bit [3]—LOOP → (SMD.3) When set, selects loop configuration, else point-to-point
mode.
Bit [2]—PFS → (SMD.2) Pre-frame sync mode. When set, causes two bytes to be
transmitted before the first flag of the frame for DPLL synchronization. If NRZI is set,
00H is transmitted, otherwise 55H. This ensures that 16 transitions are sent before the
opening flag.
Bit [1]—NB → (SMD.1) Non-buffered mode. No control field contained in SDLC frame.
Bit [0]—NFCS → (SMD.0) When set, selects No FCS field contained in the SDLC frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com