Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC858A Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BC858A
Description  PNP Silicon AF Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC858A Datasheet(HTML) 1 Page - Infineon Technologies AG

  BC858A Datasheet HTML 1Page - Infineon Technologies AG BC858A Datasheet HTML 2Page - Infineon Technologies AG BC858A Datasheet HTML 3Page - Infineon Technologies AG BC858A Datasheet HTML 4Page - Infineon Technologies AG BC858A Datasheet HTML 5Page - Infineon Technologies AG BC858A Datasheet HTML 6Page - Infineon Technologies AG BC858A Datasheet HTML 7Page - Infineon Technologies AG BC858A Datasheet HTML 8Page - Infineon Technologies AG BC858A Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2011-09-19
1
BC857...-BC860...
PNP Silicon AF Transistor
• For AF input stages and driver applications
• High current gain
• Low collector-emitter saturation voltage
• Low noise between 30 hz and 15 kHz
• Complementary types:
BC847...-BC850... (NPN)
• Pb-free (RoHS compliant) package
• Qualified according AEC Q1011)
1BC857BL3 is not qualified according AEC Q101
Type
Marking
Pin Configuration
Package
BC857A
BC857B
BC857BL3*
BC857BW
BC857C
BC857CW
BC858A
BC858B
BC858BW
BC858C
BC858CW
BC859C
BC860B
BC860BW
BC860CW
3Es
3Fs
3F
3Fs
3Gs
3Gs
3Js
3Ks
3Ks
3Ls
3Ls
4Cs
4Fs
4Fs
4Gs
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
1=B
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
2=E
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
3=C
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
SOT23
SOT23
TSLP-3-1
SOT323
SOT23
SOT323
SOT23
SOT23
SOT323
SOT23
SOT323
SOT23
SOT23
SOT323
SOT323
* Not qualified according AEC Q101


Similar Part No. - BC858A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BC858A STMICROELECTRONICS-BC858A Datasheet
44Kb / 5P
SMALL SIGNAL PNP TRANSISTORS
Oct-1997
logo
Transys Electronics
BC858A TRSYS-BC858A Datasheet
363Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Siemens Semiconductor G...
BC858A SIEMENS-BC858A Datasheet
271Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC858A FAIRCHILD-BC858A Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
Diodes Incorporated
BC858A DIODES-BC858A Datasheet
44Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
More results

Similar Description - BC858A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
PNP Silicon AF Transistor
logo
Infineon Technologies A...
BC856T INFINEON-BC856T Datasheet
145Kb / 6P
PNP Silicon AF Transistor
Jan-08-2002
BC857T INFINEON-BC857T Datasheet
55Kb / 6P
PNP Silicon AF Transistor
Nov-29-2001
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
PNP Silicon AF Transistor
Nov-29-2001
BCW61 INFINEON-BCW61 Datasheet
88Kb / 9P
PNP Silicon AF Transistor
Jul-10-2001
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
PNP Silicon AF Transistor
Nov-30-2001
BC857BF INFINEON-BC857BF Datasheet
165Kb / 8P
PNP Silicon AF Transistor
Jun-16-2004
BC807 INFINEON-BC807_07 Datasheet
111Kb / 11P
PNP Silicon AF Transistor
2007-06-08
BC856 INFINEON-BC856_08 Datasheet
887Kb / 14P
PNP Silicon AF Transistor
2008-04-29
BCP69 INFINEON-BCP69_08 Datasheet
517Kb / 6P
PNP Silicon AF Transistor
2008-10-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com