Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC858A Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BC858A
Description  PNP Silicon AF Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC858A Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BC858A Datasheet HTML 3Page - Infineon Technologies AG BC858A Datasheet HTML 4Page - Infineon Technologies AG BC858A Datasheet HTML 5Page - Infineon Technologies AG BC858A Datasheet HTML 6Page - Infineon Technologies AG BC858A Datasheet HTML 7Page - Infineon Technologies AG BC858A Datasheet HTML 8Page - Infineon Technologies AG BC858A Datasheet HTML 9Page - Infineon Technologies AG BC858A Datasheet HTML 10Page - Infineon Technologies AG BC858A Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2011-09-19
10
BC857...-BC860...
Package TSLP-3-1
2
3
1
0.4
+0.1
BFR193L3
Type code
Pin 1 marking
Laser marking
0.76
4
0.5
Pin 1
marking
Reel ø180 mm = 15.000 Pieces/Reel
For board assembly information please refer to Infineon website "Packages"
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Stencil apertures
Copper
Solder mask
0.2
0.45
0.17
0.2
0.225
0.6
0.225
0.15
R0.1
1
2
±0.05
0.35
±0.035
2 x 0.15
1)
Top view
Bottom view
1) Dimension applies to plated terminal
±0.035
0.5
1)
±0.05
0.6
3
Pin 1
marking
0.05 MAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com