Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128-DFMN6 Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24128-DFMN6
Description  128-Kbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-DFMN6 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24128-DFMN6 Datasheet HTML 29Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 30Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 31Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 32Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 33Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 34Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 35Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 36Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
DocID16892 Rev 23
33/40
M24128-BW M24128-BR M24128-BF M24128-DF
Package mechanical data
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 15. TSSOP8 – 8-lead thin shrink small outline, package outline
1. Drawing is not to scale.
Table 19. TSSOP8 – 8-lead thin shrink small outline, package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to four decimal digits.
Typ.
Min.
Max.
Typ.
Min.
Max.
A
–
–
1.200
–
–
0.0472
A1
–
0.050
0.150
–
0.0020
0.0059
A2
1.000
0.800
1.050
0.0394
0.0315
0.0413
b
–
0.190
0.300
–
0.0075
0.0118
c
–
0.090
0.200
–
0.0035
0.0079
CP
–
–
0.100
–
–
0.0039
D
3.000
2.900
3.100
0.1181
0.1142
0.1220
e
0.650
–
–
0.0256
–
–
E
6.400
6.200
6.600
0.2520
0.2441
0.2598
E1
4.400
4.300
4.500
0.1732
0.1693
0.1772
L
0.600
0.450
0.750
0.0236
0.0177
0.0295
L1
1.000
–
–
0.0394
–
–
α
–
0°
8°
–
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com