Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128-DFMN6 Datasheet(PDF) 35 Page - STMicroelectronics

Part # M24128-DFMN6
Description  128-Kbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-DFMN6 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M24128-DFMN6 Datasheet HTML 31Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 32Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 33Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 34Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 35Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 36Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 37Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 38Page - STMicroelectronics M24128-DFMN6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
DocID16892 Rev 23
35/40
M24128-BW M24128-BR M24128-BF M24128-DF
Package mechanical data
Figure 17. UFDFPN8 (MLP8) – package outline (UFDFPN: Ultra thin Fine pitch
Dual Flat Package, No lead)
1. Drawing is not to scale.
2. The central pad (area E2 by D2 in the above illustration) is internally pulled to VSS. It must not be
connected to any other voltage or signal line on the PCB, for example during the soldering process.
Table 21. UFDFPN8 (MLP8) – package dimensions (UFDFPN: Ultra thin Fine pitch
Dual Flat Package, No lead)
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to four decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.550
0.450
0.600
0.0217
0.0177
0.0236
A1
0.020
0.000
0.050
0.0008
0.0000
0.0020
b
0.250
0.200
0.300
0.0098
0.0079
0.0118
D
2.000
1.900
2.100
0.0787
0.0748
0.0827
D2 (rev MC)
–
1.200
1.600
–
0.0472
0.0630
E
3.000
2.900
3.100
0.1181
0.1142
0.1220
E2 (rev MC)
–
1.200
1.600
–
0.0472
0.0630
e
0.500
–
–
0.0197
–
–
K (rev MC)
–
0.300
–
–
0.0118
–
L
–
0.300
0.500
–
0.0118
0.0197
L1
–
–
0.150
–
–
0.0059
L3
–
0.300
–
–
0.0118
–
eee(2)
2. Applied for exposed die paddle and terminals. Exclude embedding part of exposed die paddle
from measuring.
–
0.080
–
–
0.0031
–
D
E
ZW_MEeV2
A
A1
eee
L1
e
b
D2
L
E2
L3
Pin 1
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com