Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7492 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7492
Description  50 W 50 W dual BTL class-D audio amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7492 Datasheet HTML 24Page - STMicroelectronics TDA7492 Datasheet HTML 25Page - STMicroelectronics TDA7492 Datasheet HTML 26Page - STMicroelectronics TDA7492 Datasheet HTML 27Page - STMicroelectronics TDA7492 Datasheet HTML 28Page - STMicroelectronics TDA7492 Datasheet HTML 29Page - STMicroelectronics TDA7492 Datasheet HTML 30Page - STMicroelectronics TDA7492 Datasheet HTML 31Page - STMicroelectronics TDA7492 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
TDA7492
Revision history
Doc ID 14926 Rev 5
31/32
8
Revision history
Table 10.
Document revision history
Date
Revision
Changes
30-Jul-2008
1
Initial release.
4-Nov-2008
2
Updated VOS details in Table 5
Updated Chapter 4: Characterization curves on page 11.
15-Apr-2009
3
Updated supply operating range to 8 V - 26 V on page 1
Changed C1 to C8 at beginning of Section 3.3 on page 9
Updated Table 5: Electrical specifications on page 9 for VCC min, Iq
condition, VOS min/max, IOC, and added new parameter VUV
Updated Figure 3: Test circuit for characterizations on page 10
Updated Figure 28: Applications circuit for class-D amplifier on page 22
Inserted brackets in equation in Table 5, footnote and in Section 6.4.1
on page 25
Updated values in UVP and OCP in Section 6.6 on page 27
Updated package presentation in Chapter 7 on page 29 and max
vaules for A and A2 in Table 9: PowerSSO-36 EPU dimensions on
page 30.
03-Sep-2009
4
Added text for exposed pad in Figure 2 on page 7
Added text for exposed pad in Table 2 on page 8
Removed Figure 3: Test circuit for characterizations since it is identical
to apps circuit in Figure 28 on page 22
Moved section Test board on page 21 to end of chapter
Updated package Y (Min) dimension in Table 9 on page 30
12-Sep-2011
5
Updated OUTNA in Table 2: Pin description list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com