Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER37HE Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER37HE
Description  VIPerPlus family: fixed frequency offline converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER37HE Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER37HE Datasheet HTML 3Page - STMicroelectronics VIPER37HE Datasheet HTML 4Page - STMicroelectronics VIPER37HE Datasheet HTML 5Page - STMicroelectronics VIPER37HE Datasheet HTML 6Page - STMicroelectronics VIPER37HE Datasheet HTML 7Page - STMicroelectronics VIPER37HE Datasheet HTML 8Page - STMicroelectronics VIPER37HE Datasheet HTML 9Page - STMicroelectronics VIPER37HE Datasheet HTML 10Page - STMicroelectronics VIPER37HE Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
VIPER37
Electrical data
Doc ID 022218 Rev 1
7/35
4.3
Electrical characteristics
(TJ = -25 to 125 °C, VDD = 14 V
(a); unless otherwise specified).
a.
Adjust VDD above VDDon startup threshold before setting to 14 V.
Table 6.
Power section
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VBVDSS
Breakdown voltage
IDRAIN = 1 mA, VFB = GND
TJ = 25 °C
800
V
IOFF
OFF state drain current
VDRAIN = max. rating,
VFB = GND, TJ = 25 °C
60
µA
RDS(on)
Drain-source on state
resistance
IDRAIN = 0.4 A, VFB = 3 V,
VBR = GND, TJ = 25 °C
4.5
Ω
IDRAIN=0.4 A,VFB=3V,
VBR = GND, TJ = 125 °C
9
Ω
COSS
Effective (energy related)
output capacitance
VDRAIN = 0 to 640 V,
TJ = 25 °C
17
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com