Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER37HE Datasheet(PDF) 17 Page - STMicroelectronics

Part # VIPER37HE
Description  VIPerPlus family: fixed frequency offline converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER37HE Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VIPER37HE Datasheet HTML 13Page - STMicroelectronics VIPER37HE Datasheet HTML 14Page - STMicroelectronics VIPER37HE Datasheet HTML 15Page - STMicroelectronics VIPER37HE Datasheet HTML 16Page - STMicroelectronics VIPER37HE Datasheet HTML 17Page - STMicroelectronics VIPER37HE Datasheet HTML 18Page - STMicroelectronics VIPER37HE Datasheet HTML 19Page - STMicroelectronics VIPER37HE Datasheet HTML 20Page - STMicroelectronics VIPER37HE Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
VIPER37
Efficiency performances for a typical flyback converter
Doc ID 022218 Rev 1
17/35
7
Efficiency performances for a typical flyback
converter
The efficiency of the converter has been measured in different load and line voltage
conditions. In accordance with the ENERGY STAR® average active mode testing efficiency
method, the efficiency measurements have been performed at 25%, 50% and 75% and
100% of the rated output power, at both 115 VAC and 230 VAC.
Figure 22.
Power supply consumption at light output loads, VOUT=5 V
Table 9.
Power supply efficiency, VOUT = 5 V, VIN = 115 VAC
%Load
Iout
Vout
Pout
Pin
Efficiency
25%
0.75
5.04
3.78
4.83
78.26%
50%
1.5
5.04
7.56
9.72
77.78%
75%
2.25
5.04
11.34
14.84
76.42%
100%
3
5.04
15.12
20.04
75.45%
Average efficiency
76.97%
Table 10.
Power supply efficiency, VOUT= 5 V, VIN = 230 VAC
%Load
Iout
Vout
Pout
Pin
Efficiency
25%
0.75
5.04
3.78
5.01
75.45%
50%
1.5
5.04
7.56
9.76
77.46%
75%
2.25
5.04
11.34
14.67
77.30%
100%
3
5.03
15.09
19.59
77.03%
Average efficiency
76.81%
50
100
150
200
250
300
0
50
100
150
200
250
300
350
200mW
100mW
50mW
30mW
Input voltage [Vac]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com