Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128-BWCS6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M24128-BWCS6
Description  128-Kbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-BWCS6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M24128-BWCS6 Datasheet HTML 21Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 22Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 23Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 24Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 25Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 26Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 27Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 28Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
DocID16892 Rev 23
25/40
M24128-BW M24128-BR M24128-BF M24128-DF
DC and AC parameters
ICC0
Supply current (Write) During tW, 2.5 V < VCC < 5.5 V
-
2(3)(4)
mA
ICC1
Standby supply
current
Device not selected(5), VIN = VSS or
VCC, VCC = 2.5 V
-2
µA
Device not selected(5), VIN = VSS or
VCC, VCC = 5.5 V
-3
µA
VIL
Input low voltage
(SCL, SDA, WC)
-
–0.45
0.3 VCC
V
VIH
Input high voltage
(SCL, SDA)
-
0.7 VCC
6.5
V
Input high voltage
(WC, E2, E1, E0)
-
0.7 VCC VCC+0.6
V
VOL
Output low voltage
IOL = 2.1 mA, VCC = 2.5 V or
IOL = 3 mA, VCC = 5.5 V
-0.4
V
1. 2 mA for previous devices identified by process letter A.
2. Only for devices identified by process letter K (devices operating at fC max = 1 MHz, see
Table 18).
3. Characterized value, not tested in production.
4. 5 mA for previous devices identified by process letter A.
5. The device is not selected after power-up, after a Read instruction (after the Stop condition), or
after the completion of the internal write cycle tW (tW is triggered by the correct decoding of a
Write instruction).
Table 13. DC characteristics (M24128-BW, device grade 6) (continued)
Symbol
Parameter
Test conditions (in addition to those
in Table 6)
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com