Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128-BWCS6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # M24128-BWCS6
Description  128-Kbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-BWCS6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M24128-BWCS6 Datasheet HTML 32Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 33Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 34Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 35Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 36Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 37Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 38Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 39Page - STMicroelectronics M24128-BWCS6 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
DocID16892 Rev 23
37/40
M24128-BW M24128-BR M24128-BF M24128-DF
Package mechanical data
Table 22. M24128-DFCS6TP/K, WLCSP 8-bump wafer-level chip scale package
mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to four decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.540
0.500
0.580
0.0213
0.0197
0.0228
A1
0.190
–
–
0.0075
–
–
A2
0.350
–
–
0.0138
–
–
b
0.270
–
–
0.0106
–
–
D
1.271
–
–
0.0500
–
–
E
1.081
–
–
0.0425
–
–
e
0.800
–
–
0.0315
–
–
e1
0.693
–
–
0.0273
–
–
e2
0.400
–
–
0.0157
–
–
e3
0.400
–
–
0.0157
–
–
F
0.184
–
–
0.0072
–
–
G
0.236
–
–
0.0093
–
–
H
0.194
–
–
0.0076
–
–
N (number of terminals)
8
–
–
8
–
–
aaa
0.110
–
–
0.0043
–
–
bbb
0.110
–
–
0.0043
–
–
ccc
0.110
–
–0.0043–
–
ddd
0.060
–
–
0.0024
–
–
eee
0.060
–
–
0.0024
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com