Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4291E Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4291E
Description  Low Drop Out Linear Voltage Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4291E Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4291E Datasheet HTML 17Page - Infineon Technologies AG TLE4291E Datasheet HTML 18Page - Infineon Technologies AG TLE4291E Datasheet HTML 19Page - Infineon Technologies AG TLE4291E Datasheet HTML 20Page - Infineon Technologies AG TLE4291E Datasheet HTML 21Page - Infineon Technologies AG TLE4291E Datasheet HTML 22Page - Infineon Technologies AG TLE4291E Datasheet HTML 23Page - Infineon Technologies AG TLE4291E Datasheet HTML 24Page - Infineon Technologies AG TLE4291E Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TLE4291
Reset Function
Data Sheet
21
Rev. 1.1, 2012-12-03
8.3
Typical Performance Characteristics Reset Function
Undervoltage Reset Switching Threshold
V
RT,hi/ VRT,lo vs. Junction Temperature Tj
Power On Reset Delay Time
t
RD versus
Delay Capacitance
C
D
Power On Reset Delay Time
t
RD versus
Junction Temperature
T
j
Total Reset Reaction Time
t
rr,total versus
Junction Temperature
T
j
4.50
4.55
4.60
4.65
4.70
4.75
4.80
-40
0
40
80
120
160
Tj [°C]
VRT,hi
VRT,lo
01_VRT_Tj.vsd
0
10
20
30
40
50
60
70
80
10
100
200
300
400
500
600
Delay capacitance [nF]
Tj = 25 °C
02_tdpwron _delaycap .vsd
10
11
12
13
14
15
16
17
-40
0
40
80
120
160
Tj [°C]
03_tdpwron _Tj.vsd
CD = 100 nF
0
1
2
3
4
5
6
7
8
9
10
-40
0
40
80
120
160
Tj [°C]
CD = 100nF
04_trr,total_Tj.vsd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com