Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8099ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8099ACPZ-R2
Description  Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8099ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Data Sheet
AD8099
Rev. D | Page 17 of 28
RECOMMENDED VALUES
Table 4. Recommended Values and AD8099 Performance
Gain
Package
Feedback
Network Values
Compensation
Network Values
−3 dB SS
Bandwidth
(MHz)
Slew Rate
(V/
s)
Peaking
(dB)
Output Noise
(AD8099 Only)
(nV/√Hz)
Total Output Noise
Including Resistors
(nV/√Hz)
RF
RG
RS CF
RC
CC
C1
−1, 2
SOIC
250 250 50 1.5
50
4
1.5
440/700
515
0.3/3.1
2.1
4
2
LFCSP
250 250 50 0.5
50
5
2
700
475
3.2
2.1
4
−1
LFCSP
250 250 50 1.0
50
5
2
420
475
0.8
2.1
4
5
LFCSP/SOIC 499 124 20 0.5
50
1
0
510
735
1.4
4.9
8.6
10
LFCSP/SOIC 499
54
0
0
0
0.5
0
550
1350
0.8
9.6
13.3
20
LFCSP/SOIC 499
26
0
0
0
0
0
160
1450
0
19
23.3
CIRCUIT CONFIGURATIONS
Figure 60 through Figure 66 show typical schematics for the
AD8099 in various gain configurations. Table 4 data was
collected using the schematics shown in Figure 60 through
Figure 66. Resistor R1, as shown in Figure 60 through Figure 66,
is the test equipment termination resistor. R1 is not required for
normal operation, but is shown in the schematics for
completeness.
1
8
4
7
5
3
6
2
AD8099
C5
0.1
F
CC
4pF
CF
1.5pF
C1
1.5pF
C4
10
F
C2
10
F
C3
0.1
F
RC
50
RF
250
RG
250
RS
50
R1
50
+VS
–VS
VOUT
VIN
RL
1k
DISABLE
Figure 60. Amplifier Configuration for SOIC Package, Gain = –1
1
8
4
7
5
3
6
2
AD8099
C5
0.1
F
CC
4pF
CF
1.5pF
C1
1.5pF
C4
10
F
C2
10
F
C3
0.1
F
RC
50
RF
250
RG
250
RS
50
R1
50
+VS
–VS
VOUT
VIN
RL
1k
DISABLE
Figure 61. Amplifier Configuration for SOIC Package, Gain = +2
2
1
5
8
6
4
7
3
AD8099
C5
0.1
F
CC
5pF
CF
1pF
C1
2pF
C4
10
F
C2
10
F
C3
0.1
F
RC
50
RF
250
RS
50
+VS
–VS
VOUT
RG
250
R1
50
VIN
RL
1k
DISABLE
Figure 62. Amplifier Configuration for LFCSP Package, Gain =–1
2
1
5
8
6
4
7
3
AD8099
C5
0.1
F
CC
5pF
CF
0.5pF
C1
2pF
C4
10
F
C2
10
F
C3
0.1
F
RC
50
RF
250
RG
250
RS
50
R1
50
+VS
–VS
VOUT
VIN
RL
1k
DISABLE
Figure 63. Amplifier Configuration for LFCSP Package, Gain = +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com