Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8099ACPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8099ACPZ-R2
Description  Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099ACPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8099ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8099ACPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD8099
Data Sheet
Rev. D | Page 18 of 28
FB
AD8099
C5
0.1
µF
CC
1pF
CF
0.5pF
C4
10
µF
C2
10
µF
C3
0.1
µF
RC
50
Ω
RF
499
Ω
RG
124
Ω
RS
20
Ω
R1
50
Ω
+VS
–VS
VOUT
VIN
RL
1k
Ω
–
+
D
–V
CC
VO
+V
DISABLE
Figure 64. Amplifier Configuration for LCSP and SOIC Package, Gain = +5
AD8099
C5
0.1
µF
CC
0.5pF
C4
10
µF
C2
10
µF
C3
0.1
µF
RF
499
Ω
RG
54
Ω
R1
50
Ω
+VS
–VS
VOUT
VIN
RL
1k
Ω
FB
–
+
D
–V
CC
VO
+V
DISABLE
Figure 65. Amplifier Configuration for LFCSP and SOIC Packages, Gain = +10
AD8099
C5
0.1
µF
C4
10
µF
C2
10
µF
C3
0.1
µF
RF
499
Ω
RG
26
Ω
R1
50
Ω
+VS
–VS
VOUT
VIN
RL
1k
Ω
FB
–
+
D
–V
CC
VO
+V
DISABLE
Figure 66. Amplifier Configuration for LFCSP and SOIC Packages, Gain = +20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com