Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440LQ33-R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 440LQ33-R
Description  AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

440LQ33-R Datasheet(HTML) 3 Page - Vishay Siliconix

  440LQ33-R Datasheet HTML 1Page - Vishay Siliconix 440LQ33-R Datasheet HTML 2Page - Vishay Siliconix 440LQ33-R Datasheet HTML 3Page - Vishay Siliconix 440LQ33-R Datasheet HTML 4Page - Vishay Siliconix 440LQ33-R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
440L Series
www.vishay.com
Vishay Cera-Mite
Revision: 25-Jun-13
3
Document Number: 23102
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LEAKAGE CURRENT VS. VOLTAGE (Typical)
INSERTION LOSS VS. FREQUENCY (Typical)
0
20
40
60
80
100
0
1000
2000
3000
4000
AC Voltage (V) RMS
440LQ47-R
440LQ10-R
440LQ15-R
440LQ22-R
440LQ33-R
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1000
2000
3000
4000
AC Voltage (V) RM S
440LT68-R
440LT15-R
440LT22-R
440LT33-R
440LT47-R
440LT56-R
440LQ68-R
440LT10-R
0
0.5
1
1.5
2
2.5
3
0
500
1000
1500
2000
2500
3000
3500
4000
AC Voltage (V) RM S
440LD32-R
440LT47-R
440LT56-R
440LD10-R
440LD15-R
440LD20-R
440LD22-R
440LD27-R
440LD28-R
440LD30-R
440LT68-R
0
2
4
6
8
10
0
1000
2000
3000
4000
AC Voltage (V) RM S
440LS10-R
440LD30-R
440LD39-R
440LD50-R
440LD55-R
440LD56-R
440LD68-R
440LD80-R
440LD90-R
440LD47-R
440LD40-R
Frequency (MHz)
1
1000
100
2
3
4
5
10
20
30
40
50
10
100
440LQ47-R
440LQ10-R
440LQ15-R
440LQ22-R
440LQ33-R
10
Frequency (MHz)
10
20
30
40
50
100
440LQ68-R
440LT10-R
440LT15-R
440LT22-R
440LT68-R
440LT56-R
440LT47-R
440LT33-R
1000
100
10
Frequency (MHz)
10
20
30
40
50
100
440LD32-R
440LD30-R
440LD28-R
440LD27-R
440LD10-R
440LD15-R
440LD20-R
440LD22-R
100
10
0.1
1
Frequency (MHz)
10
20
30
40
50
100
440LD33-R
440LD39-R
440LD40-R
440LD47-R
440LD50-R
440LD55-R
440LD56-R
440LD68-R
440LD80-R
440LD90-R
440LS10-R
60
70
80
90
10
1
0.01
0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com