Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440LQ33-R Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 440LQ33-R
Description  AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

440LQ33-R Datasheet(HTML) 4 Page - Vishay Siliconix

  440LQ33-R Datasheet HTML 1Page - Vishay Siliconix 440LQ33-R Datasheet HTML 2Page - Vishay Siliconix 440LQ33-R Datasheet HTML 3Page - Vishay Siliconix 440LQ33-R Datasheet HTML 4Page - Vishay Siliconix 440LQ33-R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
440L Series
www.vishay.com
Vishay Cera-Mite
Revision: 25-Jun-13
4
Document Number: 23102
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPROVALS
IEC 60384-14.3 - Safety tests
This approval together with CB test certificate substitutes all national approvals.
CB Certificate
Y1-capacitor: CB test certificate:
CA/14105/CSA
10 pF to 10 nF
500 VAC
X1-capacitor: CB test certificate:
CA/14105/CSA
10 pF to 10 nF
760 VAC
VDE
Y1-capacitor: VDE marks approval:
40003985
10 pF to 10 nF
500 VAC
X1-capacitor: VDE marks approval:
40003985
10 pF to 10 nF
400 VAC
DIN EN 60384-14 VDE 0565-1-1:2006-04 - Safety tests
Underwriters Laboratories Inc.
Y1-capacitor: UL test certificate:
E99264
10 pF to 10 nF
500 VAC
X1-capacitor: UL test certificate:
E99264
10 pF to 10 nF
760 VAC
UL 60384-14, CSA E60384-1:03, CSA E60384-14:09
Fixed capacitors for electromagnetic interference suppression and connection to the supply mains.
MARKING
Sample
RELATED DOCUMENTS
General Information
www.vishay.com/doc?23140
CB Test Certificate
www.vishay.com/doc?22237
VDE Marks Approval
www.vishay.com/doc?22238
UL Test Certificate
www.vishay.com/doc?22239
272M
440L
Y1 500 ~
X1 400 ~
CM
125 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com