Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRF1206-FZ-R004ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CRF1206-FZ-R004ELF
Description  CRF Series - High Power Current Sense Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRF1206-FZ-R004ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CRF1206-FZ-R004ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRF1206-FZ-R004ELF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Resistance value as low as 0.001 ohm
■ High power density
■ Inductance less than 5 nH
■ RoHS compliant*
Applications
■ Power supplies
■ Stepper motor drives
CRF Series - High Power Current Sense Chip Resistor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
DIMENSIONS:
MM
(INCHES)
Electrical Characteristics
CRF1206
CRF2512
Power Rating @ 70 °C
1 W
(0.001 to 0.010
Ω) 2 W
(0.015 to 0.050
Ω) 1 W
Operating Temperature Range
-55 °C to +170 °C
Derated to Zero Load at
+170 °C
Maximum Working Voltage
(P x R)1/2
Insulation Resistance
> 100 megohms
Resistance Range
0.01 - 0.02
Ω
0.001 - 0.050
Ω
Resistance Tolerance
±1 %
±1 %, ±5 %
Temperature Coefficient
0.001 to 0.002 ohms
±275 PPM/°C
0.003 to 0.010 ohms
±100 PPM/°C
0.015 to 0.050 ohms
±75 PPM/°C
Recommended Solder Pad Layout
Product Dimensions
Resistance
Range (
Ω)
A
B
L
Model
0.01-
1.8
1.9
1.4
CRF1206
0.02
(0.07)
(0.075)
(0.055)
0.001-
4.0
3.1
1.3
CRF2512
0.002
(0.157)
(0.122)
(0.051)
0.003-
4.0
2.1
4.1
0.050
(0.157)
(0.083)
(0.161)
Construction
Overcoat
Metal Alloy Plate
Ni / Sn
Plating
Derating Curve
Ambient Temperature (°C)
70
170
100
-55
A
B
SENSING TRACE
Cu TRACE
L
A
B
C
CC
T
C
Performance Characteristics
Test
Conditions
Specification
Thermal Shock
-55 ˚C to + 150 ˚C,
ΔR ±(0.5 % + 0.0005 Ω)
1000 Cycles, 15 minutes
Short Time Overload
5 X Rated Power for 5 seconds
ΔR ±(0.5 % + 0.0005 Ω)
Low Temperature
-55 ˚C for 24 hours
ΔR ±(0.5 % + 0.0005 Ω)
Storage
High Temperature
Exposure
1000 hours @ + 170 ˚C
ΔR ±(1.0 % + 0.0005 Ω)
Bias Humidity
+ 85 ˚C, 85 % RH, 10 % Bias,
ΔR ±(0.5 % + 0.0005 Ω)
1000 hours
Mechanical Shock
100 g’s for 6 milliseconds, 5 pulses
ΔR ±(0.5 % + 0.0005 Ω)
Vibration
Frequency varied 10 to 2000 KHz
ΔR ±(0.5% + 0.0005 Ω)
in one minute, 3 directions, 12 hours
Load Life
1000 hours at rated power at
ΔR ±(1.0% + 0.0005 Ω)
+70 ˚C, 1.5 hours on, 0.5 hours off
Resistance to Solder
+260 ˚C Solder, 10-12 second dwell,
ΔR ±(0.5 % + 0.0005 Ω)
Heat
25 mm/second emergence
Moisture Resistance
MIL-STD-202 Method 106, 0 % power
ΔR ±(0.5% + 0.0005 Ω)
(7a and 7b not required)
Dim.
CRF1206
CRF2512
A
3.20 ± 0.20
6.40 ± 0.20
(0.126 ± 0.008)
(0.252 ± 0.008)
B
1.65 ± 0.20
3.20 ± 0.20
(0.064 ± 0.008)
(0.126 ± 0.008)
C
2.0 ± 0.20 (R ≤ 2m
Ω)
0.5 ± 0.3
(0.079 ± 0.008 (R > 2m
Ω))
(0.0197 ± 0.012)
0.9 ± 0.2 (R > 2m
Ω)
(0.035 ± 0.008 (R ≤ 2m
Ω))
T
0.6 ± 0.20
0.6 ± 0.20
(0.0236 ± 0.008)
(0.0236 ± 0.008)


Similar Part No. - CRF1206-FZ-R004ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRF1206-FZ-R020ELF BOURNS-CRF1206-FZ-R020ELF Datasheet
284Kb / 3P
CRF Series - High Power Current Sense Chip Resistor
CRF1206-FZ-R020ELF BOURNS-CRF1206-FZ-R020ELF Datasheet
284Kb / 3P
High Power Current Sense Chip Resistor
CRF1206-FZ-R020ELF BOURNS-CRF1206-FZ-R020ELF Datasheet
371Kb / 3P
High Power Current Sense Chip Resistor
CRF1206-FZ-R020ELF BOURNS-CRF1206-FZ-R020ELF Datasheet
734Kb / 5P
CRF Series - High Power Current Sense Chip Resistor
REV. 08/25
More results

Similar Description - CRF1206-FZ-R004ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRA2010 BOURNS-CRA2010 Datasheet
296Kb / 2P
High Power Current Sense Chip Resistor
CRF2512-FX-R008ELF BOURNS-CRF2512-FX-R008ELF Datasheet
284Kb / 3P
CRF Series - High Power Current Sense Chip Resistor
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF Datasheet
284Kb / 3P
High Power Current Sense Chip Resistor
CRA2010 BOURNS-CRA2010_13 Datasheet
275Kb / 2P
High Power Current Sense Chip Resistor
logo
Riedon Powertron
CSR RIEDON-CSR Datasheet
203Kb / 3P
Power Current Sense Chip Resistor
logo
Bourns Electronic Solut...
CRF0805-FX-R020ELF BOURNS-CRF0805-FX-R020ELF_16 Datasheet
371Kb / 3P
High Power Current Sense Chip Resistor
logo
Riedon Powertron
CSR2512A0R02F RIEDON-CSR2512A0R02F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512B0R004F RIEDON-CSR2512B0R004F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR2512C0R002F RIEDON-CSR2512C0R002F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
CSR25120R025F RIEDON-CSR25120R025F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com