Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRF1206-FZ-R004ELF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CRF1206-FZ-R004ELF
Description  CRF Series - High Power Current Sense Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRF1206-FZ-R004ELF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CRF1206-FZ-R004ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRF1206-FZ-R004ELF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D0 DIA.
1.5
(0.059)
DIA. MIN.
t
A
P1
P2
P0
B
E
F
W
TOP TAPE
EMBOSSED TAPE
RESISTOR
USER DIRECTION OF FEED
How to Order
CRF 2512 - F X - R010 E LF
Model
(CRF = Precision Chip Resistor)
Size
1206 = 1206 Size
2512 = 2512 Size
Resistance Tolerance
• F = ±1 % (Available on models CRF1206 & CRF2512)
• J = ±5 % (Available on model CRF2512)
TCR (PPM/°C)
• Z = ±75 PPM/°C, 0.015 ohm or greater
• X = ±100 PPM/°C, 0.003 ohm through 0.010 ohm
• V = ±275 PPM/°C, 0.001 ohm through 0.002 ohm
Resistance Value
“R” (decimal point) followed by three significant digits (example: R025 = 0.025 ohm)
Packaging
• E = 5,000 pieces (CRF1206) or 4,000 pieces (CRF2512) on 180 mm (7 inch) reel
Termination
• LF = Tin-plated (RoHS compliant)
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CRF Series - High Power Current Sense Chip Resistor
Packaging Dimensions (Conforms to EIA RS-481A)
Model CRF2512 Resistance Value Table
REV. 06/13
60.0
(2.362)
MIN.
DIA.
DIA.
180 +0/-3
(7.09 +0/-0.118)
13.0 ± 1.0
(0.512 ± 0.039)
DIA.
15.4 ± 2.0
(0.606 ± 0.079)
13.0 ± 1.0
(0.512 ± 0.039)
DIMENSIONS:
MM
(INCHES)
Soldering Profile
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
90 - 150
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
6 °C/second
255 °C
Maximum of 20 seconds between
+255 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>
Packing
Model
A
B
W
F
E
P1
P2
P0
D0
t
Paper
Tape
CRF1206
2.0 ± 0.15
(0.079 ± 0.006)
3.6 ± 0.2
(0.142 ± 0.008)
8.0 ± 0.2
(0.315 ± 0.008)
3.5 ± 0.05
(0.138 ± 0.002)
1.75 ± 0.1
(0.069 ± 0.004)
4.0 ± 0.1
(0.157 ± 0.004)
2.0 ± 0.05
(0.079 ± 0.002)
4.0 ± 0.05
(0.157 ± 0.002)
1.5+0.1/-0
(0.059+0.004/-0)
0.85 ± 0.15
(0.033 ± 0.006)
Embossed
Tape
CRF2512
3.60 ± 0.20
(0.142 ± 0.008)
6.9 ± 0.2
(0.272 ± 0.008)
12.0 ± 0.2
(0.472 ± 0.008)
5.5 ± 0.05
(0.217 ± 0.002)
1.75 ± 0.1
(0.069 ± 0.004)
4.0 ± 0.1
(0.157 ± 0.004)
2.0 ± 0.05
(0.079 ± 0.002)
2.0 ± 0.05
(0.079 ± 0.002)
1.5+0.1/-0
(0.059+0.004/-0)
0.85 ± 0.15
(0.033 ± 0.006)
Model CRF1206 Resistance Value Table
Code
R Value
R010
0.010
R020
0.020
Code
R Value
Code
R Value
R001
0.0010
R011
0.0110
R0015
0.0015
R012
0.0120
R002
0.0020
R015
0.0150
R003
0.0030
R018
0.0180
R004
0.0040
R020
0.020
R005
0.0050
R025
0.025
R006
0.0060
R030
0.030
R007
0.0070
R033
0.033
R008
0.0080
R040
0.040
R010
0.0100
R050
0.050



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com