Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7440BRT-R2 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7440BRT-R2
Description  Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7440BRT-R2 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7440BRT-R2 Datasheet HTML 18Page - Analog Devices AD7440BRT-R2 Datasheet HTML 19Page - Analog Devices AD7440BRT-R2 Datasheet HTML 20Page - Analog Devices AD7440BRT-R2 Datasheet HTML 21Page - Analog Devices AD7440BRT-R2 Datasheet HTML 22Page - Analog Devices AD7440BRT-R2 Datasheet HTML 23Page - Analog Devices AD7440BRT-R2 Datasheet HTML 24Page - Analog Devices AD7440BRT-R2 Datasheet HTML 25Page - Analog Devices AD7440BRT-R2 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD7440/AD7450A
Rev. C | Page 22 of 28
Timing Example 1
Having FSCLK = 18 MHz and a throughput rate of 1 MSPS gives a
cycle time of
1/Throughput = 1/1,000,000 = 1 μs
A cycle consists of
t2 + 12.5(1/FSCLK) + tACQ = 1 μs
Therefore, if t2 = 10 ns
10 ns + 12.5(1/18 MHz) + tACQ = 1 μs
tACQ = 296 ns
This 296 ns satisfies the requirement of 290 ns for tACQ.
From Figure 40, tACQ comprises
2.5(1/FSCLK) + t8 + tQUIET
where t8 = 35 ns. This allows a value of 122 ns for tQUIET,
satisfying the minimum requirement of 60 ns.
Timing Example 2
Having FSCLK = 5 MHz and a throughput rate of 315 kSPS gives a
cycle time of
1/Throughput = 1/315,000 = 3.174 μs
A cycle consists of
t2 + 12.5(1/FSCLK) + tACQ = 3.174 μs
Therefore, if t2 is 10 ns
10 ns + 12.5(1/5 MHz) + tACQ = 3.174 μs
tACQ = 664 ns
This 664 ns satisfies the requirement of 290 ns for tACQ.
From Figure 40, tACQ comprises
2.5(1/FSCLK) + t8 + tQUIET
where t8 = 35 ns. This allows a value of 129 ns for tQUIET,
satisfying the minimum requirement of 60 ns.
As in this example and with other slower clock values, the signal
may already be acquired before the conversion is complete, but
it is still necessary to leave 60 ns minimum tQUIET between
conversions. In Timing Example 2, the signal should be fully
acquired at approximately Point C in Figure 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com