Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7440BRT-R2 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7440BRT-R2
Description  Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7440BRT-R2 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7440BRT-R2 Datasheet HTML 20Page - Analog Devices AD7440BRT-R2 Datasheet HTML 21Page - Analog Devices AD7440BRT-R2 Datasheet HTML 22Page - Analog Devices AD7440BRT-R2 Datasheet HTML 23Page - Analog Devices AD7440BRT-R2 Datasheet HTML 24Page - Analog Devices AD7440BRT-R2 Datasheet HTML 25Page - Analog Devices AD7440BRT-R2 Datasheet HTML 26Page - Analog Devices AD7440BRT-R2 Datasheet HTML 27Page - Analog Devices AD7440BRT-R2 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD7440/AD7450A
Rev. C | Page 28 of 28
ORDERING GUIDE
Model
Temperature Range
Linearity Error (LSB)1
Package
Description
Package Option
Branding
AD7440BRT-REEL7
–40°C to +85°C
±0.5
8-lead SOT-23
RT-8
CTB
AD7440BRT-R2
–40°C to +85°C
±0.5
8-lead SOT-23
RT-8
CTB
AD7440BRTZ-REEL72
–40°C to +85°C
±0.5
8-lead SOT-23
RT-8
C3J
AD7440BRTZ-R22
–40°C to +85°C
±0.5
8-lead SOT-23
RT-8
C3J
AD7440BRM
–40°C to +85°C
±0.5
8-lead MSOP
RM-8
CTB
AD7440BRM-REEL7
–40°C to +85°C
±0.5
8-lead MSOP
RM-8
CTB
AD7440BRMZ2
–40°C to +85°C
±0.5
8-lead MSOP
RM-8
C3J
AD7450ABRT-REEL7
–40°C to +85°C
±1
8-lead SOT-23
RT-8
CSB
AD7450ABRT-R2
–40°C to +85°C
±1
8-lead SOT-23
RT-8
CSB
AD7450ABRTZ-REEL72
–40°C to +85°C
±1
8-lead SOT-23
RT-8
C4N
AD7450ABRM
–40°C to +85°C
±1
8-lead MSOP
RM-8
CSB
AD7450ABRM-REEL7
–40°C to +85°C
±1
8-lead MSOP
RM-8
CSB
AD7450ABRMZ2
–40°C to +85°C
±1
8-lead MSOP
RM-8
C4N
EVAL-AD7440CB3
Evaluation Board
EVAL-AD7450ACB3
Evaluation Board
EVAL-CONTROL BRD24
Controller Board
1 Linearity error here refers to integral nonlinearity error.
2 Z = Pb-free part.
3 This can be used as a standalone evaluation board or in conjunction with the evaluation board controller for evaluation/demonstration purposes.
4 Evaluation board controller. This board is a complete unit allowing a PC to control and communicate with all Analog Devices’ evaluation boards ending in the CB
designator. For a complete evaluation kit, order the ADC evaluation board (that is, the EVAL-AD7450ACB or EVAL-AD7440CB), the EVAL-CONTROL BRD2, and a 12 V ac
transformer. See the AD7440/AD7450A application note that accompanies the evaluation kit for more information.
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C03051–0–9/05(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com