Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator with 14 Differential or 29 LVCMOS Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9523BCPZ Datasheet HTML 35Page - Analog Devices AD9523BCPZ Datasheet HTML 36Page - Analog Devices AD9523BCPZ Datasheet HTML 37Page - Analog Devices AD9523BCPZ Datasheet HTML 38Page - Analog Devices AD9523BCPZ Datasheet HTML 39Page - Analog Devices AD9523BCPZ Datasheet HTML 40Page - Analog Devices AD9523BCPZ Datasheet HTML 41Page - Analog Devices AD9523BCPZ Datasheet HTML 42Page - Analog Devices AD9523BCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Data Sheet
AD9523
Rev. C | Page 39 of 60
The second step is to multiply the power dissipated by the thermal
impedance to determine the maximum power gradient. For this
example, a thermal impedance of θJA = 20.1°C/W was used.
Example 1
(868 mW × 20.1°C/W) = 17.4°C
With an ambient temperature of 85°C, the junction temperature is
TJ = 85°C + 17.4°C = 102°C
This junction temperature is below the maximum allowable.
Example 2
(2500 mW × 20.1°C/W) = 50.2°C
With an ambient temperature of 85°C, the junction temperature is
TJ = 85°C + 50°C = 135°C
This junction temperature is above the maximum allowable. To
operate in the condition of Example 2, the ambient temperature
must be lowered to 65°C.
THERMALLY ENHANCED PACKAGE MOUNTING
GUIDELINES
Refer to the AN-772 Application Note, A Design and
Manufacturing Guide for the Lead Frame Chip Scale Package
(LFCSP), for more information about mounting devices with
an exposed paddle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com