Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523BCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator with 14 Differential or 29 LVCMOS Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 3 Page - Analog Devices

  AD9523BCPZ Datasheet HTML 1Page - Analog Devices AD9523BCPZ Datasheet HTML 2Page - Analog Devices AD9523BCPZ Datasheet HTML 3Page - Analog Devices AD9523BCPZ Datasheet HTML 4Page - Analog Devices AD9523BCPZ Datasheet HTML 5Page - Analog Devices AD9523BCPZ Datasheet HTML 6Page - Analog Devices AD9523BCPZ Datasheet HTML 7Page - Analog Devices AD9523BCPZ Datasheet HTML 8Page - Analog Devices AD9523BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Data Sheet
AD9523
Rev. C | Page 3 of 60
REVISION HISTORY
2/13—Rev. B to Rev. C
Deleted VDD1.8_PLL2................................................. Throughout
Changes to Data Sheet Title.............................................................1
Added TJ of 115°C, Table 1 ..............................................................4
Changed VDD3_PLL1, Supply Voltage for PLL1 Typical
Parameter from 22 mA to 37 mA and Changed VDD3_PLL1,
Supply Voltage for PLL1 Maximum Parameter from 25.2 mA to
43 mA, Table 2 ...................................................................................4
Changes to Table 3 ............................................................................5
Added PLL1 Characteristics Section and Table 7; Renumbered
Sequentially........................................................................................6
Changes to Table 9 Summary Statement........................................7
Changes to Pin 7 Description, Table 19 .......................................13
Changed Pin 69 from VDD1.8_PLL2 to NC, Table 19 ..............15
Changes to Figure 23 ......................................................................21
Changes to Clock Distribution Synchronization Section..........25
Changes to Figure 29 ......................................................................26
Added Reset Modes Section and Lock Detect Section ..............26
Added Power-Down Mode Section ..............................................27
Changes to Pin Descriptions Section and Read Section............31
Added Figure 38; Renumbered Sequentially...............................33
Changes to Register Section Definition Group Section ............36
Changes to Power Dissipation and Thermal Considerations
Section ..............................................................................................38
Changes to Table 31 ........................................................................40
Changes to Bits[1:0] Description, Table 40 and Bit 2
Description, Table 41 ......................................................................46
Changes to Bits[7:6] Description, Table 42..................................47
Changes to Bits[1:0] Description, Table 43..................................48
Changes to Bit 4, Bits [3:2] Descriptions, Table 47.....................49
Changed Bit 6 Name from Status PLL2 Feedback Clock to Status
PLL1 Feedback Clock, Table 54.......................................................52
3/11—Rev. A to Rev. B
Added Table Summary, Table 8.......................................................7
Changes to EEPROM Operations Section and Writing to the
EEPROM Section............................................................................34
Changes to 0x01A, Bits[4:3], Table 30..........................................39
Changes to Bits[4:3], Table 40 .......................................................46
Changes to Table 47, Bit 1..............................................................48
11/10—Rev. 0 to Rev. A
Change to General Description.......................................................1
Changes to Table Summary, Table 1...............................................3
Change to Input High Voltage and Input Low Voltage
Parameters and Added Input Threshold Voltage Parameter,
Table 4.................................................................................................4
Change to Junction Temperature Rating, Table 16; Changes
to Thermal Resistance Section ......................................................11
Changes to Table 18 ........................................................................12
Added Figure 14, Renumbered Sequentially...............................16
Edits to Figure 15, Figure 17, and Figure 19................................17
Changes to VCO Calibration Section...........................................22
Changed Output Mode Heading to Multimode Output
Drivers; Changes to Multimode Output Drivers Section;
Added Figure 26..............................................................................23
Added Power Dissipation and Thermal Considerations
Section; Added Table 29, Renumbered Sequentially..................35
Changes to Table 34, Table 35, Table 36, and Table 38...............43
Changes to Address 0x192, Table 50 ............................................48
Changes to Table 52 ........................................................................49
Changes to Table 54 ........................................................................50
7/10—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com