Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7621 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7621
Description  16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7621 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7621 Datasheet HTML 14Page - Analog Devices AD7621 Datasheet HTML 15Page - Analog Devices AD7621 Datasheet HTML 16Page - Analog Devices AD7621 Datasheet HTML 17Page - Analog Devices AD7621 Datasheet HTML 18Page - Analog Devices AD7621 Datasheet HTML 19Page - Analog Devices AD7621 Datasheet HTML 20Page - Analog Devices AD7621 Datasheet HTML 21Page - Analog Devices AD7621 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD7654
Rev. B | Page 18 of 28
SAMPLING RATE (kSPS)
0.1
100
1000
1
10
100
1000
NORMAL
IMPULSE
10
1
Figure 21. Power Dissipation vs. Sample Rate
CONVERSION CONTROL
Figure 22 shows the detailed timing diagrams of the
conversion process. The AD7654 is controlled by the signal
CNVST, which initiates conversion. Once initiated, it cannot be
restarted or aborted, even by the power-down input, PD, until
the conversion is complete. The CNVST signal operates
independently of the CS and RD signals.
BUSY
ACQUIRE
t2
t1
t3
t4
t5
t6
t7
t8
CONVERT A
ACQUIRE
CONVERT
CONVERT B
t12
A0
t14
t15
t13
t11
t10
EOC
CNVST
MODE
Figure 22. Basic Conversion Timing
Although CNVST is a digital signal, it should be designed with
special care with fast, clean edges and levels, and with minimum
overshoot and undershoot or ringing.
For applications where the SNR is critical, the CNVST signal
should have very low jitter. Some solutions to achieve this are to
use a dedicated oscillator for CNVST generation or, at least, to
clock it with a high frequency, low jitter clock, as shown in
Figure 18.
In impulse mode, conversions can be automatically initiated. If
CNVST is held low when BUSY is low, the AD7654 controls the
acquisition phase and automatically initiates a new conversion.
By keeping CNVST low, the AD7654 keeps the conversion
process running by itself. Note that the analog input has to be
settled when BUSY goes low. Also, at power-up, CNVST should
be brought low once to initiate the conversion process. In this
mode, the AD7654 could sometimes run slightly faster than the
guaranteed limits of 444 kSPS in impulse mode. This feature
does not exist in normal mode.
DIGITAL INTERFACE
The AD7654 has a versatile digital interface; it can be interfaced
with the host system by using either a serial or parallel interface.
The serial interface is multiplexed on the parallel data bus. The
AD7654 digital interface accommodates either 3 V or 5 V logic
by simply connecting the OVDD supply pin of the AD7654 to
the host system interface digital supply.
The two signals CS and RD control the interface. When at least
one of these signals is high, the interface outputs are in high
impedance. Usually, CS allows the selection of each AD7654
in multicircuit applications and is held low in a single AD7654
design. RD is generally used to enable the conversion result on
the data bus. In parallel mode, signal A/B allows the choice of
reading either the output of Channel A or Channel B, whereas
in serial mode, signal A/B controls which channel is output first.
Figure 23 details the timing when using the RESET input. Note
the current conversion, if any, is aborted and the data bus is
high impedance while RESET is high.
t9
RESET
DATA
BUS
BUSY
t8
CNVST
Figure 23. Reset Timing
PARALLEL INTERFACE
The AD7654 is configured to use the parallel interface when
SER/PAR is held low.
Master Parallel Interface
Data can be read continuously by tying CS and RD low, thus
requiring minimal microprocessor connections. However, in
this mode, the data bus is always driven and cannot be used in
shared bus applications (unless the device is held in RESET).
Figure 24 details the timing for this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com