Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7621 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7621
Description  16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7621 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7621 Datasheet HTML 20Page - Analog Devices AD7621 Datasheet HTML 21Page - Analog Devices AD7621 Datasheet HTML 22Page - Analog Devices AD7621 Datasheet HTML 23Page - Analog Devices AD7621 Datasheet HTML 24Page - Analog Devices AD7621 Datasheet HTML 25Page - Analog Devices AD7621 Datasheet HTML 26Page - Analog Devices AD7621 Datasheet HTML 27Page - Analog Devices AD7621 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD7654
Rev. B | Page 27 of 28
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7654ACP
–40°C to +85°C
Lead Frame Chip Scale Package [LFCSP_VQ]
CP-48-1
AD7654ACPRL
–40°C to +85°C
Lead Frame Chip Scale Package [LFCSP_VQ]
CP-48-1
AD7654ACPZ1
–40°C to +85°C
Lead Frame Chip Scale Package [LFCSP_VQ]
CP-48-1
AD7654ACPZRL1
–40°C to +85°C
Lead Frame Chip Scale Package [LFCSP_VQ]
CP-48-1
AD7654AST
–40°C to +85°C
Low Profile Quad Flat Package [LQFP]
ST-48
AD7654ASTRL
–40°C to +85°C
Low Profile Quad Flat Package [LQFP]
ST-48
AD7654ASTZ1
–40°C to +85°C
Low Profile Quad Flat Package [LQFP]
ST-48
AD7654ASTZRL1
–40°C to +85°C
Low Profile Quad Flat Package [LQFP]
ST-48
EVAL-AD7654CB2
Evaluation Board
EVAL-CONTROL BRD23
Controller Board
EVAL-CONTROL BRD33
Controller Board
1 Z = Pb free part.
2 This board can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL-BRD2/EVAL-CONTROL-BRD3 for evaluation/demonstration
purposes.
3 This board allows a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com