Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7679 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7679
Description  16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7679 Datasheet(HTML) 1 Page - Analog Devices

  AD7679 Datasheet HTML 1Page - Analog Devices AD7679 Datasheet HTML 2Page - Analog Devices AD7679 Datasheet HTML 3Page - Analog Devices AD7679 Datasheet HTML 4Page - Analog Devices AD7679 Datasheet HTML 5Page - Analog Devices AD7679 Datasheet HTML 6Page - Analog Devices AD7679 Datasheet HTML 7Page - Analog Devices AD7679 Datasheet HTML 8Page - Analog Devices AD7679 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
16-Bit, 500 kSPS PulSAR® Dual,
2-Channel, Simultaneous Sampling ADC
AD7654
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Dual, 16-bit, 2-channel simultaneous sampling ADC
16-bit resolution with no missing codes
Throughput:
500 kSPS (normal mode)
444 kSPS (impulse mode)
INL: ±3.5 LSB max (±0.0053% of full scale)
SNR: 89 dB typ @ 100 kHz
THD: −100 dB @ +100 kHz
Analog input voltage range: 0 V to 5 V
No pipeline delay
Parallel and serial 5 V/3 V interface
SPI®/QSPI™/MICROWIRE™/DSP compatible
Single 5 V supply operation
Power dissipation:
120 mW typical
2.6 mW @ 10 kSPS
Packages:
48-lead low profile quad flat package (LQFP)
48-lead lead frame chip scale package (LFCSP)
Low cost
APPLICATIONS
AC motor control
3-phase power control
4-channel data acquisition
Uninterrupted power supplies
Communications
FUNCTIONAL BLOCK DIAGRAM
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
A/B
16
D[15:0]
BUSY
CS
SER/PAR
OGND
OVDD
DGND
DVDD
SERIAL
PORT
BYTESWAP
RD
AVDD AGND
REFx
REFGND
PD
RESET
CNVST
INAN
SWITCHED
CAP DAC
AD7654
INA1
IMPULSE
MUX
EOC
INA2
A0
INB1
INBN
INB2
TRACK/HOLD
×2
PARALLEL
INTERFACE
CLOCK
MUX
MUX
Figure 1.
Table 1. PulSAR Selection
Type/kSPS
100 to 250
500 to 570
800 to 1000
>1000
Pseudo
Differential
AD7660/
AD7661
AD7653
AD7650/
AD7652
AD7664/
AD7666
AD7667
True Bipolar
AD7663
AD7665
AD7671
True Differential
AD7675
AD7676
AD7677
AD7621
AD7623
18-Bit
AD7678
AD7679
AD7674
AD7641
Multichannel/
Simultaneous
AD7654
AD7655
GENERAL DESCRIPTION
The AD7654 is a low cost, simultaneous sampling, dual-
channel, 16-bit, charge redistribution SAR, analog-to-digital
converter that operates from a single 5 V power supply. It
contains two low noise, wide bandwidth, track-and-hold
amplifiers that allow simultaneous sampling, a high speed
16-bit sampling ADC, an internal conversion clock, error
correction circuits, and both serial and parallel system interface
ports. Each track-and-hold has a multiplexer in front to provide
a 4-channel input ADC. The A0 multiplexer control input
allows the choice of simultaneously sampling input pairs
INA1/INB1 (A0 = low) or INA2/INB2 (A0 = high). The part
features a very high sampling rate mode (normal) and, for low
power applications, a reduced power mode (impulse) where the
power is scaled with the throughput. Operation is specified
from −40°C to +85°C.
PRODUCT HIGHLIGHTS
1.
Simultaneous Sampling.
The AD7654 features two sample-and-hold circuits that
allow simultaneous sampling. It provides inputs for four
channels.
2.
Fast Throughput.
The AD7654 is a 500 kSPS, charge redistribution, 16-bit
SAR ADC with internal error correction circuitry.
3.
Superior INL and No Missing Codes.
The AD7654 has a maximum integral nonlinearity of
3.5 LSB with no missing 16-bit codes.
4.
Single-Supply Operation.
The AD7654 operates from a single 5 V supply. In impulse
mode, its power dissipation decreases with throughput.
5.
Serial or Parallel Interface.
Versatile parallel or 2-wire serial interface arrangement is
compatible with both 3 V and 5 V logic.


Similar Part No. - AD7679

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7679 AD-AD7679 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7679 AD-AD7679 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7679 AD-AD7679 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7679 AD-AD7679 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7679 AD-AD7679 Datasheet
556Kb / 28P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
More results

Similar Description - AD7679

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7699 AD-AD7699 Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7654ASTZ AD-AD7654ASTZ Datasheet
548Kb / 28P
16-Bit, 500 kSPS PulSAR짰 Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7654 AD-AD7654_15 Datasheet
520Kb / 27P
16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. C
AD7656A AD-AD7656A Datasheet
498Kb / 28P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
REV. 0
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
Rev. 0
AD7686 AD-AD7686 Datasheet
566Kb / 29P
16-Bit, 500 kSPS PulSAR ADC in MSOP
8/14- Rev. B to Rev. C
AD7655 AD-AD7655_17 Datasheet
593Kb / 27P
Low Cost, 4-Channel, 16-Bit, 500 kSPS PulSAR ADC
E
AD7654 AD-AD7654_17 Datasheet
473Kb / 28P
16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
12/15-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com