Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7679 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7679
Description  16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7679 Datasheet(HTML) 3 Page - Analog Devices

  AD7679 Datasheet HTML 1Page - Analog Devices AD7679 Datasheet HTML 2Page - Analog Devices AD7679 Datasheet HTML 3Page - Analog Devices AD7679 Datasheet HTML 4Page - Analog Devices AD7679 Datasheet HTML 5Page - Analog Devices AD7679 Datasheet HTML 6Page - Analog Devices AD7679 Datasheet HTML 7Page - Analog Devices AD7679 Datasheet HTML 8Page - Analog Devices AD7679 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7654
Rev. B | Page 3 of 28
SPECIFICATIONS
AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
VINx – VINxN
0
2 VREF
V
Common-Mode Input Voltage
VINxN
−0.1
+0.5
V
Analog Input CMRR
fIN = 100 kHz
55
dB
Input Current
500 kSPS throughput
45
μA
Input Impedance1
THROUGHPUT SPEED
Complete Cycle
In normal mode
2
μs
Throughput Rate
In normal mode
0
500
kSPS
Complete Cycle
In impulse mode
2.25
μs
Throughput Rate
In impulse mode
0
444
kSPS
DC ACCURACY
Integral Linearity Error2
−3.5
+3.5
LSB3
No Missing Codes
16
Bits
Transition Noise
0.7
LSB
Full-Scale Error4
TMIN to TMAX
±0.25
±0.5
% of FSR
Full-Scale Error Drift4
±2
ppm/°C
Unipolar Zero Error4
TMIN to TMAX
±0.25
% of FSR
Unipolar Zero Error Drift4
±0.8
ppm/°C
Power Supply Sensitivity
AVDD = 5 V ±5%
0.8
LSB
AC ACCURACY
Signal-to-Noise
fIN = 20 kHz
88
90
dB5
fIN = 100 kHz
89
dB
Spurious-Free Dynamic Range
fIN = 100 kHz
105
dB
Total Harmonic Distortion
fIN = 100 kHz
−100
dB
Signal-to-Noise and Distortion
fIN = 20 kHz
87.5
90
dB
fIN = 100 kHz
88.5
dB
fIN = 100 kHz, −60 dB Input
30
dB
Channel-to-Channel Isolation
fIN = 100 kHz
−92
dB
−3 dB Input Bandwidth
10
MHz
SAMPLING DYNAMICS
Aperture Delay
2
ns
Aperture Delay Matching
30
ps
Aperture Jitter
5
ps rms
Transient Response
Full-scale step
250
ns
REFERENCE
External Reference Voltage Range
2.3
2.5
AVDD/2
V
External Reference Current Drain
500 kSPS throughput
180
μA
DIGITAL INPUTS
Logic Levels
VIL
−0.3
+0.8
V
VIH
+2.0
DVDD + 0.3
V
IIL
−1
+1
μA
IIH
−1
+1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com