Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912A/PCBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9912A/PCBZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912A/PCBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9912A/PCBZ Datasheet HTML 28Page - Analog Devices AD9912A/PCBZ Datasheet HTML 29Page - Analog Devices AD9912A/PCBZ Datasheet HTML 30Page - Analog Devices AD9912A/PCBZ Datasheet HTML 31Page - Analog Devices AD9912A/PCBZ Datasheet HTML 32Page - Analog Devices AD9912A/PCBZ Datasheet HTML 33Page - Analog Devices AD9912A/PCBZ Datasheet HTML 34Page - Analog Devices AD9912A/PCBZ Datasheet HTML 35Page - Analog Devices AD9912A/PCBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AD9912
Rev. F | Page 32 of 40
Addr
(Hex)
Type1
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
(Hex)
Calibration (user-accessible trim)
0x0400
to
0x040A
Reserved
0x00
0x040B
DAC full-
scale
current
DAC full-scale current, Bits[7:0]
0xFF
0x040C
DAC full-scale current,
Bits[9:8]
0x01
0x040D
Reserved
0x00
0x040E
Reserved
0x10
0x040F
and
0x0410
Reserved
0x00
Harmonic spur reduction
0x0500
M
Spur A
HSR-A
enable
Amplitude
gain × 2
Spur A harmonic, Bits[3:0]
0x00
0x0501
M
Spur A magnitude, Bits[7:0]
0x00
0x0503
M
Spur A phase, Bits[7:0]
0x00
0x0504
M
Spur A
phase, Bit 8
0x00
0x0505
M
Spur B
HSR-B
enable
Amplitude
gain × 2
Spur B harmonic, Bits[3:0]
0x00
0x0506
M
Spur B magnitude, Bits[7:0]
0x00
0x0508
M
Spur B phase, Bits[7:0]
0x00
0x0509
M
Spur B
phase, Bit 8
0x00
1 Types of registers: M = mirrored (also called buffered). This type of register needs an I/O update for the new value to take effect; RO = read-only; AC = autoclear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com