Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9912A/PCBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9912A/PCBZ
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912A/PCBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9912A/PCBZ Datasheet HTML 31Page - Analog Devices AD9912A/PCBZ Datasheet HTML 32Page - Analog Devices AD9912A/PCBZ Datasheet HTML 33Page - Analog Devices AD9912A/PCBZ Datasheet HTML 34Page - Analog Devices AD9912A/PCBZ Datasheet HTML 35Page - Analog Devices AD9912A/PCBZ Datasheet HTML 36Page - Analog Devices AD9912A/PCBZ Datasheet HTML 37Page - Analog Devices AD9912A/PCBZ Datasheet HTML 38Page - Analog Devices AD9912A/PCBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
AD9912
Rev. F | Page 35 of 40
CMOS OUTPUT DIVIDER (S-DIVIDER) (REGISTER 0x0100 TO REGISTER 0x0106)
Register 0x0100 to Register 0x0103—Reserved
Register 0x0104—S-Divider
Table 21.
Bits
Bit Name
Description
[7:0]
S-divider
CMOS output divider. Divide ratio = 1 − 65,536. If the desired S-divider setting is greater than 65,536,
or if the signal on FDBK_IN is greater than 400 MHz, then Bit 0 in Register 0x0106 must be set. Note that
the actual S-divider is the value in this register plus 1; so to have an S-divider of 1, Register 0x0104 and
Register 0x0105 must both be 0x00. Register 0x0104 is the least significant byte.
Register 0x0105—S-Divider (Continued)
Table 22.
Bits
Bit Name
Description
[15:8]
S-divider
CMOS output divider. Divide ratio = 1 − 65,536. If the desired S-divider setting is greater than 65,536,
or if the signal on FDBK_IN is greater than 400 MHz, then Bit 0 in Register 0x0106 must be set. Note that
the actual S-divider is the value in this register plus 1; so to have an S-divider of 1, Register 0x0104 and
Register 0x0105 must both be 0x00. Register 0x104 is the least significant byte.
Register 0x0106—S-Divider (Continued)
Table 23.
Bits
Bit Name
Description
7
Falling edge triggered
Setting this bit inverts the reference clock before S-divider.
[6:1]
Reserved
Reserved.
0
S-divider/2
Setting this bit enables an additional /2 prescaler. See the CMOS Output Divider (S-Divider) section.
If the desired S-divider setting is greater than 65,536, or if the signal on FDBK_IN is greater than 400 MHz,
this bit must be set.
FREQUENCY TUNING WORD (REGISTER 0x01A0 TO REGISTER 0x01AD)
Register 0x01A0 to Register 0x01A5—Reserved
Register 0x01A6—FTW0 (Frequency Tuning Word)
Table 24.
Bits
Bit Name
Description
[7:0]
FTW0
These registers contain the FTW (frequency tuning word) for the DDS. The FTW determines the ratio
of the AD9912 output frequency to its DAC system clock. Register 0x01A6 is the least significant byte
of the FTW. Note that the power-up default is defined by start-up Pin S1 to Pin S4. Updates to the FTW
results in an instantaneous frequency jump but no phase discontinuity.
Register 0x01A7—FTW0 (Frequency Tuning Word) (Continued)
Table 25.
Bits
Bit Name
Description
[15:8]
FTW0
These registers contain the FTW (frequency tuning word) for the DDS. The FTW determines the ratio
of the AD9912 output frequency to its DAC system clock. Register 0x01A6 is the least significant byte
of the FTW. Note that the power-up default is defined by start-up Pin S1 to Pin S4. Updates to the FTW
results in an instantaneous frequency jump but no phase discontinuity.
Register 0x01A8—FTW0 (Frequency Tuning Word) (Continued)
Table 26.
Bits
Bit Name
Description
[23:16]
FTW0
These registers contain the FTW (frequency tuning word) for the DDS. The FTW determines the ratio
of the AD9912 output frequency to its DAC system clock. Register 0x01A6 is the least significant byte
of the FTW. Note that the power-up default is defined by start-up Pin S1 to Pin S4. Updates to the FTW
results in an instantaneous frequency jump but no phase discontinuity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com