Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP608 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP608
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP608 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP608 Datasheet HTML 2Page - Analog Devices ADCMP608 Datasheet HTML 3Page - Analog Devices ADCMP608 Datasheet HTML 4Page - Analog Devices ADCMP608 Datasheet HTML 5Page - Analog Devices ADCMP608 Datasheet HTML 6Page - Analog Devices ADCMP608 Datasheet HTML 7Page - Analog Devices ADCMP608 Datasheet HTML 8Page - Analog Devices ADCMP608 Datasheet HTML 9Page - Analog Devices ADCMP608 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADCMP608
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VCC =2.5 V, TA = 25°C, unless otherwise noted.
0.5
1.0
1.5
2.0
2.5
3.0
38.0
37.8
37.6
37.4
37.2
37.0
36.8
36.6
36.4
36.2
36.0
VCM AT VCC (2.5V)
PROPAGATION DELAY RISE
PROPAGATION DELAY FALL
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
VCM AT VCC (2.5V)
5
4
3
2
1
0
–1
–2
–3
–4
–5
+125°C
–40°C
+25°C
Figure 3. Input Bias Current vs. Input Common-Mode Voltage
Figure 6. Propagation Delay vs. Input Common-Mode Voltage
150
100
50
0
OD (mV)
60
55
50
45
40
35
30
25
20
VCC = 5.5V
RISE DELAY
VCC = 5.5V
FALL DELAY
VCC = 2.5V
RISE DELAY
VCC = 2.5V
FALL DELAY
Q
0.5V/DIV
10ns/DIV
Figure 7. 1 MHz Output Voltage Waveform VCC = 2.5 V
Figure 4. Propagation Delay vs. Input Overdrive at VCC = 2.5 V and 5.5 V
1V/DIV
10ns/DIV
Q
4.0
–1.0 –0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.5
1.0
0.5
0
–0.5
–1.0
VOUT (V)
SINK
SOURCE
Figure 8. 1 MHz Output Voltage Waveform VCC = 5.5 V
Figure 5. Load Current (mA) vs. VOH/VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com