Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP608 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP608
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP608 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP608 Datasheet HTML 1Page - Analog Devices ADCMP608 Datasheet HTML 2Page - Analog Devices ADCMP608 Datasheet HTML 3Page - Analog Devices ADCMP608 Datasheet HTML 4Page - Analog Devices ADCMP608 Datasheet HTML 5Page - Analog Devices ADCMP608 Datasheet HTML 6Page - Analog Devices ADCMP608 Datasheet HTML 7Page - Analog Devices ADCMP608 Datasheet HTML 8Page - Analog Devices ADCMP608 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V,
Single-Supply TTL/CMOS Comparator
ADCMP608
FEATURES
FUNCTIONAL BLOCK DIAGRAM
ADCMP608
NONINVERTING
INPUT
INVERTING
INPUT
Q OUTPUT
+
–
SDN
Fully specified rail to rail at VCC = 2.5 V to 5.5 V
Input common-mode voltage from −0.2 V to VCC + 0.2 V
Low glitch CMOS-/TTL-compatible output stage
40 ns propagation delay
Low power: 1 mW at 2.5 V
Shutdown pin
Power supply rejection > 60 dB
−40°C to +125°C operation
Figure 1.
APPLICATIONS
High speed instrumentation
Clock and data signal restoration
Logic level shifting or translation
High speed line receivers
Threshold detection
Peak and zero-crossing detectors
High speed trigger circuitry
Pulse-width modulators
Current-/voltage-controlled oscillators
GENERAL DESCRIPTION
The ADCMP608 is a fast comparator fabricated on XFCB2, an
Analog Devices, Inc. proprietary process. This comparator is
exceptionally versatile and easy to use. Features include an input
range from VEE − 0.2 V to VCC + 0.2 V, low noise, TTL-/CMOS-
compatible output drivers, and shutdown inputs. The device
offers 40 ns propagation delays driving a 15 pF load with 10 mV
overdrive on 500 μA typical supply current.
The TTL-/CMOS-compatible output stage is designed to drive
up to 15 pF with full rated timing specifications and to degrade
in a graceful and linear fashion as additional capacitance is
added. The input stage of the comparator offers robust protec-
tion against large input overdrive, and the outputs do not phase
reverse when the valid input signal range is exceeded.
The ADCMP608 is available in a tiny 6-lead SC70 package with
a single-ended output and a shutdown pin.
A flexible power supply scheme allows the device to operate
with a single +2.5 V positive supply and a −0.2 V to + 2.7 V
input signal range up to a +5.5 V positive supply with a −0.2 V
to +5.7 V input signal range.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADCMP608

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP608 AD-ADCMP608 Datasheet
246Kb / 16P
Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
Feb-2006
ADCMP608 AD-ADCMP608 Datasheet
258Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
4/07-Revision 0
ADCMP608 AD-ADCMP608 Datasheet
238Kb / 10P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
REV. B
ADCMP608BKSZ-R2 AD-ADCMP608BKSZ-R2 Datasheet
258Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
4/07-Revision 0
ADCMP608BKSZ-REEL AD-ADCMP608BKSZ-REEL Datasheet
258Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
4/07-Revision 0
More results

Similar Description - ADCMP608

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP600 AD-ADCMP600 Datasheet
322Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
10/06-Revision 0
ADCMP603 AD-ADCMP603 Datasheet
309Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
10/06-Revision 0
ADCMP608 AD-ADCMP608 Datasheet
246Kb / 16P
Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
Feb-2006
ADCMP608 AD-ADCMP608_07 Datasheet
258Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
4/07-Revision 0
ADCMP609 AD-ADCMP609 Datasheet
289Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
7/07-Revision 0
AD8465 AD-AD8465 Datasheet
322Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator
REV. 0
AD8469 AD-AD8469 Datasheet
265Kb / 12P
Fast, Rail-to-Rail, Low Power, 2.5 V to 5.5 V
REV. 0
AD8468 AD-AD8468 Datasheet
233Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
AD8468WBKSZ AD-AD8468WBKSZ Datasheet
233Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
AD8468 AD-AD8468_15 Datasheet
273Kb / 12P
Rail-to-Rail, Fast, Low Power Single-Supply TTL/CMOS Comparator
10/15-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com