Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP609 Datasheet (PDF) - Analog Devices

ADCMP609 Datasheet PDF - Analog Devices
Part # ADCMP609
Download  ADCMP609 Download
File Size   289.45 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator

ADCMP609 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCMP609 Datasheet PDF - Analog Devices

Part # ADCMP609
Download  ADCMP609 Click to download

File Size   289.45 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator

ADCMP609 Datasheet (HTML) - Analog Devices


ADCMP609 Product details

GENERAL DESCRIPTION
The ADCMP609 is a fast comparator fabricated on XFCB2, an Analog Devices, Inc. proprietary process. These comparators are exceptionally versatile and easy to use. Features include an input range from VEE − 0.2 V to VCC + 0.2 V, low noise, TTL-/CMOS-compatible output drivers, and adjustable hysteresis and/or shutdown inputs.

FEATURES
    Fully specified rail to rail at VCC = 2.5 V to 5.5 V
    Input common-mode voltage from −0.2 V to VCC + 0.2 V
    Low glitch CMOS-/TTL-compatible output stage
    40 ns propagation delay
    Low power 1 mW at 2.5 V
    Shutdown pin
    Programmable hysteresis
    Power supply rejection > 60 dB
    −40°C to +125°C operation

APPLICATIONS
    High speed instrumentation
    Clock and data signal restoration
    Logic level shifting or translation
    High speed line receivers
    Threshold detection
    Peak and zero-crossing detectors
    High speed trigger circuitry
    Pulse-width modulators
    Current-/voltage-controlled oscillators




Similar Part No. - ADCMP609

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP609 AD-ADCMP609_15 Datasheet
265Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
REV. C
More results


Similar Description - ADCMP609

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP600 AD-ADCMP600 Datasheet
322Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
10/06-Revision 0
ADCMP603 AD-ADCMP603 Datasheet
309Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
10/06-Revision 0
ADCMP608 AD-ADCMP608 Datasheet
246Kb / 16P
Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
Feb-2006
ADCMP608 AD-ADCMP608_07 Datasheet
258Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
4/07-Revision 0
AD8465 AD-AD8465 Datasheet
322Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator
REV. 0
AD8469 AD-AD8469 Datasheet
265Kb / 12P
Fast, Rail-to-Rail, Low Power, 2.5 V to 5.5 V
REV. 0
AD8468 AD-AD8468 Datasheet
233Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608BKSZ-REEL7 AD-ADCMP608BKSZ-REEL7 Datasheet
259Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
AD8468WBKSZ AD-AD8468WBKSZ Datasheet
233Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
AD8468 AD-AD8468_15 Datasheet
273Kb / 12P
Rail-to-Rail, Fast, Low Power Single-Supply TTL/CMOS Comparator
10/15-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com