Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP609 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCMP609
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP609 Datasheet(HTML) 5 Page - Analog Devices

  ADCMP609 Datasheet HTML 1Page - Analog Devices ADCMP609 Datasheet HTML 2Page - Analog Devices ADCMP609 Datasheet HTML 3Page - Analog Devices ADCMP609 Datasheet HTML 4Page - Analog Devices ADCMP609 Datasheet HTML 5Page - Analog Devices ADCMP609 Datasheet HTML 6Page - Analog Devices ADCMP609 Datasheet HTML 7Page - Analog Devices ADCMP609 Datasheet HTML 8Page - Analog Devices ADCMP609 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADCMP609
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADCMP609
TOP VIEW
(Not to Scale)
VCC 1
Q
8
VP 2
Q
7
VN 3
VEE
6
SDN 4
HYS
5
Figure 2. ADCMP609 Pin Configuration
Table 4. ADCMP609 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCC
VCC Supply.
2
VP
Noninverting Analog Input.
3
VN
Inverting Analog Input.
4
SDN
Shutdown. Drive this pin low to shut down the device.
5
HYS
Hysteresis Control. Bias with resistor or current source for hysteresis.
6
VEE
Negative Supply Voltage.
7
Q
Noninverting Output. Q is at logic low if the analog voltage at the noninverting input (VP) is greater than the
analog voltage at the inverting input (VN) provided the comparator is in compare mode.
8
Q
Inverting Output. Q is at logic high if the analog voltage at the noninverting input (VP) is greater than the analog
voltage at the inverting input (VN) provided the comparator is in compare mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com