Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP609 Datasheet(PDF) 12 Page - Analog Devices

Part # ADCMP609
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP609 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCMP609 Datasheet HTML 4Page - Analog Devices ADCMP609 Datasheet HTML 5Page - Analog Devices ADCMP609 Datasheet HTML 6Page - Analog Devices ADCMP609 Datasheet HTML 7Page - Analog Devices ADCMP609 Datasheet HTML 8Page - Analog Devices ADCMP609 Datasheet HTML 9Page - Analog Devices ADCMP609 Datasheet HTML 10Page - Analog Devices ADCMP609 Datasheet HTML 11Page - Analog Devices ADCMP609 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADCMP609
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0.80
0.60
0.40
8°
0°
4
8
1
5
PIN 1
0.65 BSC
SEATING
PLANE
0.38
0.22
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.08
3.20
3.00
2.80
5.15
4.90
4.65
0.15
0.00
0.95
0.85
0.75
Figure19. 8-Lead Mini Small Outline Package (MSOP)
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Package Description
Package
Option
Branding
ADCMP609BRMZ1
−40°C to +125°C
8-Lead Mini Small Outline Package (MSOP)
RM-8
GW
ADCMP609BRMZ-REEL1
−40°C to +125°C
8-Lead Mini Small Outline Package (MSOP)
RM-8
GW
ADCMP609BRMZ-REEL71
−40°C to +125°C
8-Lead Mini Small Outline Package (MSOP)
RM-8
GW
1 Z = RoHS Compliant Part.
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06918-0-7/07(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com