Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP609 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP609
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP609 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP609 Datasheet HTML 4Page - Analog Devices ADCMP609 Datasheet HTML 5Page - Analog Devices ADCMP609 Datasheet HTML 6Page - Analog Devices ADCMP609 Datasheet HTML 7Page - Analog Devices ADCMP609 Datasheet HTML 8Page - Analog Devices ADCMP609 Datasheet HTML 9Page - Analog Devices ADCMP609 Datasheet HTML 10Page - Analog Devices ADCMP609 Datasheet HTML 11Page - Analog Devices ADCMP609 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADCMP609
Rev. 0 | Page 10 of 12
With the pin driven low, hysteresis may become large, but in this
device, the effect is not reliable or intended as a latch function.
CROSSOVER BIAS POINT
Rail-to-rail inputs of this type, in both op amps and comparators,
have a dual front-end design. Certain devices are active near
the VCC rail and others are active near the VEE rail. At some pre-
determined point in the common-mode range, a crossover
occurs. At this point, normally VCC/2, the direction of the bias
current reverses and there are changes in measured offset
voltages and currents.
The ADCMP609 slightly elaborates on this scheme. Crossover
points can be found at approximately 0.8 V and 1.6 V.
MINIMUM INPUT SLEW RATE REQUIREMENT
With the rated load capacitance and normal good PC board
design practice (as discussed in the Optimizing Performance
section), these comparators should be stable at any input slew
rate with no hysteresis. Broadband noise from the input stage is
observed in place of the violent chattering seen with most other
high speed comparators. With additional capacitive loading or
poor bypassing, oscillation may be encountered. These oscilla-
tions are due to the high gain bandwidth of the comparator in
combination with feedback through parasitics in the package
and PC board. In many applications, chattering is not harmful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com