Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP609 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP609
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP609 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP609 Datasheet HTML 4Page - Analog Devices ADCMP609 Datasheet HTML 5Page - Analog Devices ADCMP609 Datasheet HTML 6Page - Analog Devices ADCMP609 Datasheet HTML 7Page - Analog Devices ADCMP609 Datasheet HTML 8Page - Analog Devices ADCMP609 Datasheet HTML 9Page - Analog Devices ADCMP609 Datasheet HTML 10Page - Analog Devices ADCMP609 Datasheet HTML 11Page - Analog Devices ADCMP609 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADCMP609
Rev. 0 | Page 8 of 12
APPLICATION INFORMATION
POWER/GROUND LAYOUT AND BYPASSING
The ADCMP609 comparator is a high speed device. Despite
the low noise output stage, it is essential to use proper high
speed design techniques to achieve the specified performance.
Because comparators are uncompensated amplifiers, feedback
in any phase relationship is likely to cause oscillations or
undesired hysteresis. Of critical importance is the use of low
impedance supply planes, particularly the output supply plane
(VCC) and the ground plane (GND). Individual supply planes
are recommended as part of a multilayer board. Providing the
lowest inductance return path for switching currents ensures
the best possible performance in the target application.
It is also important to adequately bypass the input and output
supplies. A 0.1 μF bypass capacitor should be placed as close
as possible to each VCC supply pin. The capacitor should be con-
nected to the GND plane with redundant vias placed to provide
a physically short return path for output currents flowing back
from ground to the VCC pin. High frequency bypass capacitors
should be carefully selected for minimum inductance and ESR.
Parasitic layout inductance should also be strictly controlled to
maximize the effectiveness of the bypass at high frequencies.
TTL-/CMOS-COMPATIBLE OUTPUT STAGE
Specified propagation delay performance can be achieved only
by keeping the capacitive load at or below the specified minimums.
The outputs of the ADCMP609 are designed to directly drive
one Schottky TTL or three low power Schottky TTL loads (or
an equivalent). For large fan outputs, buses, or transmission
lines, use an appropriate buffer to maintain the excellent speed
and stability of the comparator.
With the rated 15 pF load capacitance applied, more than half
of the total device propagation delay is output stage slew time.
Because of this, the total propagation delay decreases as VCC
decreases, and instability in the power supply may appear as
excess delay dispersion.
Delay is measured to the 50% point for whatever supply is in
use; thus, the fastest times are observed with the VCC supply at
2.5 V, and larger values are observed when driving loads that
switch at other levels.
Overdrive and input slew rate dispersions are not significantly
affected by output loading and VCC variations.
The TTL-/CMOS-compatible output stage is shown in the
simplified schematic diagram (Figure 11). Because of its
inherent symmetry and generally good behavior, this output
stage is readily adaptable for driving various filters and other
unusual loads.
OUTPUT
Q2
Q1
+IN
–IN
OUTPUT STAGE
VLOGIC
GAIN STAGE
A2
A1
AV
Figure 11. Simplified Schematic Diagram of
TTL-/CMOS-Compatible Output Stage
OPTIMIZING PERFORMANCE
As with any high speed comparator, proper design and layout tech-
niques are essential for obtaining the specified performance. Stray
capacitance, inductance, common power and ground impedances,
or other layout issues can severely limit performance and often
cause oscillation. The source impedance should be minimized
as much as is practicable. High source impedance, in combination
with the parasitic input capacitance of the comparator, causes an
undesirable degradation in bandwidth at the input, thus degrading
the overall response. Higher impedances encourage undesired
coupling.
COMPARATOR PROPAGATION DELAY DISPERSION
The ADCMP609 comparator is designed to reduce propagation
delay dispersion over a wide input overdrive range of 10 mV to
VCC – 1 V. Propagation delay dispersion is the variation in propa-
gation delay that results from a change in the degree of overdrive
or slew rate (how far or how fast the input signal exceeds the
switching threshold).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com